Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 141 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 141 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 137Page - Dallas Semiconductor DS2196 Datasheet HTML 138Page - Dallas Semiconductor DS2196 Datasheet HTML 139Page - Dallas Semiconductor DS2196 Datasheet HTML 140Page - Dallas Semiconductor DS2196 Datasheet HTML 141Page - Dallas Semiconductor DS2196 Datasheet HTML 142Page - Dallas Semiconductor DS2196 Datasheet HTML 143Page - Dallas Semiconductor DS2196 Datasheet HTML 144Page - Dallas Semiconductor DS2196 Datasheet HTML 145Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 157 page
background image
DS2196
141 of 157
22.
OPERATING PARAMETERS
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Lead with respect to VSS (except VDD)
–0.3V to +5.5V
Supply voltage (VDD) with Respect to VSS
–0.3V to +3.63V
Operating Temperature for DS2196L
0ºC to +70ºC
Operating Temperature for DS2196LN
–40ºC to +85ºC
Storage Temperature
–55ºC to +125ºC
Soldering Temperature
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0ºC to +70ºC for DS2196L)
(-40ºC to +85ºC for DS2196LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
–0.3
+0.8
V
Supply
VDD
3.135
3.465
V
1
CAPACITANCE
(tA =25ºC)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF
DC CHARACTERISTICS
(0ºC to +70ºC; VDD = 3.135 to 3.465V for DS2196L)
(-40ºC to +85ºC; VDD = 3.135 to 3.465V for DS2196LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current @
3.3V
IDD
85
mA
2
Input Leakage
IIL
–1.0
+1.0
µA
3
Output Leakage
ILO
10
µA
4
Output Current (2.4V)
IOH
–1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
NOTES:
1. Applies to RVDD, TVDD, and DVDD.
2. TCLK=RCLK=MCLK=1.544 MHz; TTIP & TRING loaded, other outputs open circuited.
3. 0.0V < VIN < VDD.
4. Applied to INT when 3–stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com