Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 29 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 25Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 26Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 27Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 28Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 29Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 30Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 31Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 32Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
29
January 25, 2016
Table 3.4
Status Table
Status Bits (I
2C™ or SPI)
PDM Output
Definition
00BIN
Clipped normal output
Valid data: Data that has not been fetched since
the last measurement cycle.
01BIN
Not applicable
Stale data: Data that has already been fetched
since the last measurement cycle.
Note: If a data fetch is performed before or during
the first measurement after power-on reset, then
Stale will be returned, but this data is actually
invalid since the first measurement has not been
completed.
10BIN
Not applicable
Command Mode: The ZSSC3122 is in Command
Mode.
11BIN
Not used
Not used
Table 3.5
Diagnostic Detection
I
2C™ or SPI Output
PDM Output
Definition
Saturated output 3FFFHEX
High output (railed) level
A diagnostic has occurred in normal operation (see
Table 3.6).
Table 3.6
Normal Operation Diagnostic Table
Diagnostic
Type
Definition
Configuration Error
Permanent
An EEPROM or RAM Parity Error occurred in the initial loading of the
configuration registers.
RAM Parity Error
Transient
A RAM Parity Error occurred during a microcontroller instruction in
the last measurement cycle.
EEPROM Error
Transient
A DED EEPROM error occurred in the last measurement cycle (see
section 3.4.1).
Math Warning
Transient
An internal math overflow has occurred in the last measurement cycle
and the output might be invalid.
3.4.1
EEPROM Error Detection and Correction
The contents of the EEPROM are protected via error checking and correction (ECC). Each of the 32 16-bit words
contains 6 parity bits enabling single-bit error correction and double-bit error detection (SEC and DED) per word.
In Command Mode both SEC and DED errors are reported in the response byte (see section 4.3). If the fetched
EEPROM data has a DED error then the fetched data will be incorrect; however, if a SEC error was reported then
the fetched data has been corrected, and it is the user’s choice to write the data back to attempt to correct the
error. During Normal Operation Mode, a diagnostic will be flagged on any DED error, but an SEC error will be
automatically corrected and not flagged as a diagnostic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com