Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 3Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 4Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 5Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 6Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 7Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 8Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 9Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 10Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 25, 2016
1 IC Characteristics
1.1
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Analog Supply Voltage
VDD
-0.3
6.0
V
Voltages at Analog I/O – In Pin
VINA
-0.3
VDD+0.3
V
Voltages at Analog I/O – Out Pin
VOUTA
-0.3
VDD+0.3
V
Storage Temperature Range
TSTOR
-55
150
°C
1.2
Operating Conditions
See important footnotes at the end of the following table.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage to Gnd
VSUPPLY
1.8
5.5
V
Ambient Temperature Range 1
)
TAMB
-20
125
°C
Output Pads/Pins Drive Strength 2
)
IOUT
1.5
20
mA
External Capacitance between
VDD pin and Gnd
CVSUPPLY
100
220
470
nF
External Capacitance between Vcore and Gnd—Sleep
Mode
CVCORE_SM
10
110
nF
External Capacitance between Vcore and Gnd—Update
Mode
CVCORE_UM
90
330
nF
Input Capacitance Span (Full Scale Values)
C0
2
10
pF
External Reference Capacitance
C1
2
10
pF
External Isolating Capacitance
(CC pin to sensor common node) 3
)
CCC
16
pF
I
2C™ Pull-Up Resistor 3)
RPU
1
2.2
k
Ω
SDA/MISO Load Capacitance
CSDA
200
pF
1
Caution: If buying die, select the proper package to ensure that the maximum junction temperature is not exceeded.
2
See section 1.5 for full details on output pad drive strengths.
3
An external isolating capacitor allows a non-galvanic connection to special differential or external reference sensor types. Ccc could also be used to
lower the overall capacitance level to a value that is supported by the ZSSC3122 because it limits the maximum capacitance seen by the ZSSC3122
input to CC even if C0 and C1 have higher values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com