Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 45 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 41Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 42Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 43Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 44Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 45Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 46Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 47Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 48Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
45
January 25, 2016
5 EEPROM
The EEPROM array contains the calibration coefficients for gain and offset, etc., and the configuration bits for the
analog front end, output modes, measurement modes, etc. The ZSSC3122 EEPROM is arranged as 32 16-bit
words (see Table 5.1). The EEPROM is divided into two sections. Words 0HEX to 15HEX can only be written to if the
EEPROM is unlocked. After the EEPROM is locked these locations can no longer be written to. The EEPROM
lock bits are in the ZMDI_Config register (see Table 5.2 for the bit assignment). Words 16HEX to 1FHEX (highlighted
blue in Table 5.1) are always unlocked and available to write to at all times. See section 4 for instructions on read-
ing and writing to the EEPROM in Command Mode via the I
2C™ interface. When programming the EEPROM, an
internal charge pump voltage is used; therefore a high voltage supply is not needed.
Note: If the EEPROM was accidentally locked, it can be unlocked with the following instructions (see section 4 for
how to send commands).
1.
Enter Command Mode with a Start_CM command.
2.
Send an A2HEX for the command byte and 0000HEX for the command data.
3.
Send an F0HEX for the command byte and 0021HEX for the command data.
4.
Clear the EEPROM_Lock bits in the ZMDI_Config register with an EEPROM Write command.
5.
Reset the part.
There are four Customer_ID words available for customer use, two in the locked region and two in the unlocked
region. They can be used as a customer serial number for module traceability. (see Table 5.1 for Customer_ID
EEPROM addresses.) The integrity of the contents of the EEPROM array is ensured via ECC (see section 3.4.1).
Table 5.1 provides a summary of the EEPROM contents. The configuration register bits are explained in detail in
the following subsections.
Table 5.1
EEPROM Word Assignments
EEPROM
Word
Bit
Range
IC Default
Name
Description and Notes
00HEX
15:0
XXXXHEX
Cust_ID0
Customer ID byte 0: For use by customer (default
value is the upper 16 bits of the lot number)
01HEX
15:0
XXXXHEX
(LLLLLLLLBIN
0000ssssBIN)
Cust_ID1
Customer ID byte 1: For use by customer (default
value is the lower 8 bits of the lot number and an 8
bit wafer number)
02HEX
15:0
0B00HEX
ZMDI_Config
IDT Configuration Register (See section 5.1.1)
03HEX
15:0
0006HEX
Not Available
Do Not Change; must leave at factory settings
04HEX
15:0
00FTHEX
Not Available
Do Not Change; must leave at factory settings
§§
05HEX
15:0
0000HEX
Not Available
Do Not Change; must leave at factory settings
06HEX
15:0
0C06HEX
C_Config
AFE Capacitance Configuration Register:
See Table 5.3.
§§ The T in the default setting for EEPROM word 04
H represents the custom trim value determined by final test. Do not change this setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com