Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 32 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 28Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 29Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 30Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 31Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 32Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 33Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 34Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 35Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
32
January 25, 2016
tBUS
tLOW
SCLK
MISO
SS
HiZ
tHDSS
tHIGH
tCLKD
tSUSS
HiZ
tCLKD
3.6.2
SPI Features and Timing
SPI is available only as half duplex (read-only from the ZSSC3122). SPI speeds of up to 800kHz can be
supported. The SPI interface can be programmed to allow the master to sample MISO on the falling-edge or
rising-edge of SCL via the SPI_Phase bit in EEPROM word Cust_Config (see Table 5.5 for bit assignments). See
Figure 3.9 for the SPI timing diagram and Table 3.10 for definitions of the parameters shown in the timing
diagram.
Figure 3.9
SPI Timing Diagram
Table 3.10
SPI Parameters
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SCLK clock frequency
fSCL
50
800
kHz
SS drop to first clock edge
tHDSS
2.5
µs
Minimum SCLK clock low width
1
)
tLOW
0.6
µs
Minimum SCLK clock high width
1
)
tHIGH
0.6
µs
Clock edge to data transition
tCLKD
0
0.5
µs
Rise of SS relative to last clock edge
tSUSS
0.1
µs
Bus free time between rise and fall of SS
tBUS
2
µs
1
Combined low and high widths must equal or exceed minimum SCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com