Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 7Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 8Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 9Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 10Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 11Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 12Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 13Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 14Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 25, 2016
1.4
Current Consumption Graphs
Part current consumption depends on a number of different factors including voltage, temperature, capacitive
input, resolution, and power down time. The best way to calculate the ZSSC3122’s power consumption is to
measure the current consumption with the actual setup. If measurement is not possible, then the graphs in this
section can provide a starting point for estimating the current consumption.
1.4.1
Update Mode Current Consumption
Figure 1.1
Best Case Settings (Typical Part)
Figure 1.2
Worst Case Settings (Typical Part)
* Parameter not within required temperature specifications (-40°C)
* Parameter not within required temperature specifications (-40°C)
1.4.2
Sleep Mode Current Consumption
Figure 1.3
Typical Current Consumption during Sleep Mode (No Measurements)
* Parameter not within required temperature specifications (-40°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com