Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 46 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 46 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 42Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 43Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 44Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 45Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 46Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 47Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 48Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 49Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 50Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
46
January 25, 2016
EEPROM
Word
Bit
Range
IC Default
Name
Description and Notes
07HEX
15:0
0000HEX
SOT_tco
2
nd order temperature offset correction for
capacitance
08HEX
15:0
0000HEX
Tco
Temperature offset correction for capacitance
09HEX
15:0
0000HEX
SOT_tcg
2
nd order temperature gain correction for
capacitance
0AHEX
15:0
0000HEX
Tcg
Temperature gain correction for capacitance
0BHEX
15:0
0000HEX
Offset
Offset correction for capacitance
0CHEX
15:0
2000HEX
Gain_1
Gain correction for capacitance (region 1)
0DHEX
15:0
0000HEX
SOT_1
2
nd order correction for capacitance (region 1)
0EHEX
15:0
2000HEX
Gain_2
Gain correction for capacitance (region 2)
0FHEX
15:0
0000HEX
SOT_2
Or TOT_1
2
nd order correction for capacitance (region 2)
alternatively 3
rd order correction (only one region)
10HEX
15:0
7FFFHEX
Raw_Break
Break point dividing region 1 from region 2
11HEX
15:0
8D92HEX
T_Config
AFE Temperature Configuration Register
(See Table 5.4)
12HEX
15:0
0000HEX
Offset_T
Offset correction for temperature
13HEX
15:0
2000HEX
Gain_T
Gain correction for temperature
14HEX
15:0
0000HEX
SOT_T
2
nd order correction for temperature
15HEX
15:0
0000HEX
TREF
Raw temperature reading reference point
16HEX
13:0
0000HEX
PDM_Clip_High
PDM high clipping limit (keep at zero unless PDM
is enabled; must change default if PDM is used)
17HEX
13:0
0000HEX
PDM_Clip_Low
PDM low clipping limit (keep at zero unless PDM is
enabled; may be changed if PDM is used)
18HEX
13:0
3FFFHEX
Alarm_High_On
High alarm on trip point
19HEX
13:0
3FFFHEX
Alarm_High_Off
High alarm off trip point
1AHEX
13:0
0000HEX
Alarm_Low_On
Low alarm on trip point
1BHEX
13:0
0000HEX
Alarm_Low_Off
Low alarm off trip point
1CHEX
15:0
0028HEX
Cust_Config
Customer Configuration Register (See section
5.1.4.)
1DHEX
15:0
0000HEX
Not Available
Do Not Change; must leave at factory settings
1EHEX
15:0
XXXXHEX
Cust_ID2
Customer ID byte 2: For use by customer (default
value is the 8 bit x and 8 bit y coordinates on the
wafer)
1FHEX
15:0
0000HEX
Cust_ID3
Customer ID byte 3: For use by customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com