Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 1 Page - Integrated Device Technology

  ZSSC3122AI3BN Datasheet HTML 1Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 2Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 3Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 4Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 5Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 6Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 7Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 8Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
cLiteTM Low-Voltage Capacitive
Sensor Signal Conditioner
ZSSC3122
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 25, 2016
Brief Description
The ZSSC3122 is a CMOS integrated circuit for
accurate
capacitance-to-digital
conversion
and
sensor-specific correction of capacitive sensor sig-
nals. Digital compensation of sensor offset, sensiti-
vity, and temperature drift is accomplished via an
internal digital signal processor running a correction
algorithm with calibration coefficients stored in a
non-volatile EEPROM.
The ZSSC3122 is configurable for capacitive sen-
sors with capacitances up to 10pF and a sensitivity
of 125aF/LSB. It is compatible with both single
capacitive
sensors
(both
terminals
must
be
accessible)
and
differential
capacitive
sensors.
Measured and corrected sensor values can be
output as I
2C™ *, SPI, PDM, or alarms.
The I
2C™ interface can be used for a simple PC-
controlled calibration procedure to program a set of
calibration coefficients into an on-chip EEPROM.
The calibrated ZSSC3122 and a specific sensor are
mated digitally: fast, precise, and without the cost
overhead of trimming by external devices or laser.
Features
• Maximum target input capacitance: 10pF
• Sampling rates as fast as 0.7ms at 8-bit resolution;
1.6ms at 10-bit; 5.0ms at 12-bit; 18.5ms at14-bit
• Digital compensation of sensor: piece-wise 1
st
and 2
nd order sensor compensation or up to
3
rd order single-region sensor compensation
• Digital compensation of 1
st and 2nd order
temperature gain and offset drift
• Internal temperature compensation reference
(no external components)
• Programmable capacitance span and offset
• Layout customized for die-die bonding with sensor
for low-cost, high-density chip-on-board assembly
• Accuracy
† as high as
±0.25% FSO@ -20 to 125°C, 3V, 5V, Vsupply ±10%
*
I
2C™ is a registered trademark of NXP.
† See data sheet section 1.3 for restrictions.
Benefits
• Minimized calibration costs: no laser trimming,
one-pass calibration using a digital interface
• Excellent for low-power battery applications
Interfaces
• I²C™ or SPI interface—easy connection to a
microcontroller
• PDM outputs (Filtered Analog Ratiometric) for
both capacitance and temperature
• Up to two alarms that can act as full push-pull or
open-drain switches
Physical Characteristics
• Supply voltage: 1.8 to 5.5V
• Typical current consumption 650
μA down to
60
μA depending on configuration
• Typical Sleep Mode current:
≤ 1μA at 85°C
• Operation temperature: –20°C to +125°C
• Die or TSSOP14 package
Available Support
• ZSSC3122 SSC Evaluation Kit available: SSC
Evaluation Board, samples, software,
documentation.
• Support for industrial mass calibration available.
• Quick circuit customization option for large
production volumes.
Application: Digital Output, Alarms
VSUPPLY
(+1.8V to 5.5V)
GND
0.1µF
VDD
Vcore
Ready
VSS
SDA/MISO
SCL/SCLK
C0
SS
Alarm_High
CC
Alarm_Low
cLite™
ZSSC3122
0.1µF


Similar Part No. - ZSSC3122AI3BN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3122AI3BN RENESAS-ZSSC3122AI3BN Datasheet
1Mb / 59P
cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
More results

Similar Description - ZSSC3122AI3BN

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
Low Voltage Capacitive Sensor Signal Conditioner
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
cLite??Capacitive Sensor Signal Conditioner
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3123 RENESAS-ZSSC3123_V01 Datasheet
1Mb / 62P
cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
ZSSC3122 RENESAS-ZSSC3122 Datasheet
1Mb / 59P
cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com