Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 33 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 29Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 30Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 31Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 32Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 33Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 34Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 35Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 36Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
33
January 25, 2016
3.6.3
I
2C™ and SPI Commands
As detailed in Table 3.11, there are three types of commands which allow the user to interface with the
ZSSC3122 in the I
2C™ or SPI modes.
Table 3.11
I
2C™ and SPI Command Types
Type
Description
Communication
Supported
Reference
Sections
Data Fetch (DF)
Used to fetch data in any digital mode
I
2C™ and SPI
Section 3.6.4
Measurement Request (MR)
Used to start measurements in Sleep Mode
I
2C™ and SPI
Section 3.6.5
Calibration Commands
Used in Command Mode during the
calibration process
I
2C™ Only
Section 4.2
3.6.4
Data Fetch (DF)
The Data Fetch (DF) command is used to fetch data in any digital output mode. With the start of communication
(for I
2C™ after reading the slave address; for SPI at the falling edge of SS) the entire output packet will be loaded
in a serial output register. The register will be updated after the communication is finished. The output is always
scaled to 14 bits independent of the programmed resolution. The ordering of the bits is big-endian.
3.6.4.1.
I
2C™ Data Fetch
An I
2C™ Data Fetch command starts with the 7-bit slave address and the 8th bit = 1 (READ). The ZSSC3122 as
the slave sends an acknowledge (ACK) indicating success. The number of data bytes returned by the ZSSC3122
is determined by when the master sends the NACK and stop condition. Figure 3.10 shows examples of fetching
two and three bytes respectively. The full 14 bits of capacitive data are fetched in the first two bytes. The MSBs of
the first byte are the status bits.
If temperature data is needed, additional temperature bytes can be fetched. In Figure 3.10, the three-byte data
fetch returns 1 byte of temperature data (8-bit accuracy) after the capacitive data. A fourth byte can be fetched
where the six MSBs of the fetched byte are the six LSBs of a 14-bit temperature measurement. The last two bits
of the fourth byte are undetermined and should be masked off in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com