Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 63 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 63 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 56Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 57Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 58Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 59Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 60Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 61Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 62Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 63Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 64Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
63
January 25, 2016
16 Document Revision History
Revision
Date
Description
1.00
February 15, 2011
First release.
1.10
June 29, 2011
Added specification for “Excitation Frequency of External Capacitances C0 and C1” in
section 1.3 and 2.2.1.
Added “PDM frequency” specification to table in section 1.3. In section 3.7, clarified that
clipping limit default values must be adjusted for PDM output functionality. Revised PDM
frequency in sections 1.3 and 3.7. Revised PDM ripple and settling time specifications in
section 1.3. Revised related examples in Table 3.12 and corrected equation (14) for
calculating ripple. Revisions to text explaining equation (16) and subsequent text
recommending limits for PDM_Clip_High. Revised Table 5.1 for PDM_Clip_High and
PDM_Clip_Low. Added new settings for PDM clipping limits to section 7.2 and revised
related settings in Table 7.2.
Revised section 1.6 for addition of specifications for “Voltage Dependency” for the
temperature channel to section 1.3.
Revised section 2.2.1.3 regarding total capacitance.
Revised default value for EEPROM word 04HEX from 007THEX to 00FTHEX
in Table 5.1.
Minor edits for clarity in section 7.3.
Revised notes for VCORE pin 1 in Table 9.2.
Revisions to section 3.3.2.1.
1.20
August 16, 2011
Added specifications in section 1.3 for VPOR maximum, VREG typical and maximum, and
PSRTEMP.
Revisions to section 3.3.2.1 to explain preferred method for detecting valid data.
Revised product ordering codes.
1.30
July 23, 2012
Added note for clarity to “Active Regulated Voltage” specification in section 1.3.
Deleted redundant specification for fOSC in section 1.3.
Revised specifications for CVCORE_SM and CVCORE_UM in specifications in section 1.2.
Updated IDT contact information.
1.40
April 30, 2012
Update for part numbers.
Update for contact information.
1.50
May 22, 2013
Revisions to section 3.3.2.1 to explain preferred method for detecting valid data.
Revision to section 3.6.6 to update Ready pin behavior in Sleep Mode.
Revision to Figure 3.7.
1.51
July 4, 2013
Update for part order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com