Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 6Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 7Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 8Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 9Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 10Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 11Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 12Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 13Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 25, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Parasitic to Gnd Tolerance
Including package parasitics
(Pins C0, CC, and C1) *
,
10
pF
Peak-to-Peak Noise @ output
(100 measurements in 14 bit) *
NOUT
5
20
LSB
Accuracy
Error, -20 to 125°C *
, 8, 9,10
AEout
3V
±10%, 3.3V±10%, 5V±10%
±0.25
±0.75
%FSO
2.5V
±10%
±0.50
±1.25
2.0V
±10%
±2.5
* Parameter not tested during production but guaranteed by design.
1
See section 1.4 for full details for current consumption in each mode.
2
Parameter measured using internal test capacitors (0pF to 7pF in Mult 1).
3
Assumes optimal calibration points of 0°C and 100°C; see section 1.6 for more details.
4
Assumes optimal calibration points of -20°C, 40°C and 100°C; see section 1.6 for more details.
5
See section 3.7 for more details.
6
See section 3 for more details.
7
Timing values are for a nominal oscillator, for worst case, ±10% total frequency variation, multiply by 0.9 (min time) or 1.1 (max time).
8
Accuracy specification includes a 2-point temperature calibration for correcting the internal TC.
9
Accuracy specification assumes maximum parasitics of 10pF to ground.
10
Accuracy specification does not include PDM errors, see the PDM Output electrical parameters for additional errors when using PDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com