Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 4Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 5Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 6Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 7Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 8Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 9Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 10Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 11Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 25, 2016
1.3
Electrical Parameters
See important footnotes at the end of the following table.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
Update Mode Current (varies with
part configuration)
1
IDD
Best case settings:
*
8-bit, 125ms Power Down
60
100
μA
Worst case settings:
14-bit, 0ms Power Down
750
1100
Extra Current with PDM enabled *
IPDM
150
μA
Sleep Mode Current
1
ISLEEP
-20 to 85°C
0.6
1
μA
-20 to 125°C
1
3
μA
Voltage Levels
Power-On-Reset Level
VPOR
1.6
1.7
1.75
V
Active Regulated Voltage
VREG
Note: Regulated voltage can be
measured on the Vcore pin.
2.4
2.55
2.7
V
CAPACITANCE-TO-DIGITAL CONVERTER (CDC)
Resolution
RESCDC
8
14
Bits
Excitation Frequency of External
Capacitances C0 and C1
(for a system frequency fSYS)
fEXC
fSYS/2
kHz
Integral Nonlinearity (INL)
2
INLCDC
10% to 90% input, 14-bit
0.2
%
Differential Nonlinearity (DNL) *
DNLCDC
10% to 90% input, 14-bit
0.9
LSB
EEPROM
Number of Erase/Write Cycles
nWRI_EEP
@85
°C
100k
Data Retention
tWRI_EEP
@100
°C
10
Year
TEMPERATURE CONVERSION
Resolution in °C *
RESTEMP
-20 to 125°C, 8-bit mode
0.64
0.96
1.6
°C
-20 to 125°C, 14-bit mode
0.01
0.015
0.025
Nonlinearity First Order Fit *
, 3
INLCDC
-20 to 125°C
±0.5
±1
°C
Nonlinearity Second Order Fit *
, 4
INLCDC
-20 to 125°C
±0.2
±0.4
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com