Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 9Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 10Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 11Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 12Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 13Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 14Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 15Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 16Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 25, 2016
1.6
Temperature Sensor Nonlinearity
Temperature sensor nonlinearity can vary depending on the type of calibration and the selected calibration points.
It is highly recommended that a temperature calibration is done with calibration points at least 20°C apart from
each other. Figure 1.6 and Figure 1.7 show the resulting nonlinearity error for the full temperature range (-20°C to
125°C) using the optimal calibration points, 0°C and 100°C for a first-order fit and -20°C, 40°C, and 100°C for a
second-order fit.
Figure 1.6
First Order Fit (Typical Part)
Figure 1.7
Second Order Fit (Typical Part)
2 Circuit Description
2.1
Signal Flow and Block Diagram
As seen in Figure 2.1, the ZSSC3122 comprises three main blocks: the analog core, digital core, and output
communication. The capacitive input is first sampled by the analog core using a charge-balancing CDC and is
adjusted for the appropriate capacitance range using the CDC_Offset, and CDC_Reference. The digital core
corrects the digital sample with an on-chip digital signal processor (DSP), which uses coefficients stored in
EEPROM for precise conditioning. An internal temperature sensor can be used to compensate for temperature
effects of the capacitive input. A temperature value can also be calibrated and output as a 14-bit reading.
The corrected capacitance value can be read using four different output types, I
2C™, SPI, PDM, and alarms.
They can all be directly interfaced with a microcontroller, and optional filtering of the PDM output can provide a
ratiometric analog output. The alarm pins can also be used to control a variety of analog circuitry.
Temperature Error
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
Temperature (°C)
Temperature Error
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com