Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI3BN Datasheet(PDF) 43 Page - Integrated Device Technology

Part # ZSSC3122AI3BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI3BN Datasheet(HTML) 43 Page - Integrated Device Technology

Back Button ZSSC3122AI3BN Datasheet HTML 39Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 40Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 41Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 42Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 43Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 44Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 45Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 46Page - Integrated Device Technology ZSSC3122AI3BN Datasheet HTML 47Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
43
January 25, 2016
Table 4.3 describes the different responses that can be fetched. To determine if a command has finished
executing, poll the part until a Busy response is no longer received. The middle four bits of the response byte are
command diagnostic bits where each bit represents a different diagnostic (see Table 4.3). For more information
on EEPROM errors see section 3.4.1.
Note: Regardless of what the response bits are, one or more of the diagnostic bits may be set indicating an error
occurred during the execution of the command.
Note: Only one command can be executed at a time. After a command is sent another command must not be
sent until the execution time of the first command defined in Table 4.1 has expired.
For all commands except EEPROM Read and Get Revision, the data fetch should be terminated after the
response byte is read. If the command was a Get Revision, then the user will fetch a one byte Revision as shown
in Figure 4.2, example 2. The revision is coded with the upper nibble being the letter corresponding to a full layer
change and the lower nibble being the metal change number, for example A0. If the command was an EEPROM
Read, then the user will fetch two more bytes as shown in Figure 4.2, example 3. If a Corrected EEPROM Error
diagnostic was flagged after an EEPROM read, the user has the option to write this data back to attempt to fix the
error.
Instead of polling to determine if a command has finished executing, the user can use the Ready pin. In this case,
wait for the Ready pin to rise, which indicates that the command has executed. Then a data fetch can be
performed to get the response and data (see Figure 4.2). See section 3.6.6 for more information on the Ready
pin.
Table 4.2
Response Bits
Encoding
Name
Description
00BIN
Busy
The command is busy executing.
01BIN
Positive Acknowledge
The command executed successfully.
10BIN
Negative Acknowledge
The command was not recognized or an EEPROM
write was attempted while the EEPROM was locked.
Table 4.3
Command Diagnostic Bits
Bit Position
Name
Description
2
Corrected EEPROM
Error
A corrected EEPROM error occurred in execution of the last
command.
3
Uncorrectable
EEPROM Error
An uncorrectable EEPROM error occurred in execution of
the last command.
4
RAM Parity Error
A RAM parity error occurred during a microcontroller
instruction in the execution of the last command.
5
Configuration Error
An EEPROM or RAM parity error occurred in the initial
loading of the configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com