Electronic Components Datasheet Search
  English  ▼

X  

SLB128B Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 16Page - National Semiconductor (TI) SLB128B Datasheet HTML 17Page - National Semiconductor (TI) SLB128B Datasheet HTML 18Page - National Semiconductor (TI) SLB128B Datasheet HTML 19Page - National Semiconductor (TI) SLB128B Datasheet HTML 20Page - National Semiconductor (TI) SLB128B Datasheet HTML 21Page - National Semiconductor (TI) SLB128B Datasheet HTML 22Page - National Semiconductor (TI) SLB128B Datasheet HTML 23Page - National Semiconductor (TI) SLB128B Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Host Control Register Descriptions (Continued)
Register Name: CFG2
Address Offset: 09h
Default Value:
95h
Access Method: R/W
Bit
Description
0
MDI (read only)
1
Reserved
2
RSEN (read only) — Receiver Sense
0= LVDS receiver connected to transmitter output,
1= No receiver connected
Note: this function is valid only with DC coupled systems
3
TSEL — Interrupt generation
0= Interrupt bit (MDI) is generated by monitoring RSEN, fixed valve
4:6
MSEL (R/W) — Selects source for MSEL output pin
000= MSEN disabled
001= Output the MDI bit - interrupt
010= Output the RSEN bit - receiver detect
011–111= Reserved
7
VLOW (read only)
1= V
REF set for low swing,
0= V
REF set for LVTTL
Register Name: CFG3
Address Offset: 0Ah
Default Value:
81H
Access Method: R/W
Bit
Description
0
R_FDE- Input DE strobe Polarity Select
0 = DE active Low,
1 = DE active High
3:1
Reserved
7:4
Reserved
Register Name: CFG
Address Offset: 0Bh
Default Value:
See Description
Access Method: Read Only
Bit
Description
7:0
Contains state of input data bits 23:16
Register Name: PANEL
Address Offset: 0Ch
Default Value:
See Description
Access Method: R/W
Bit
Description
0:3
System defined Panel ID values set on ID0:3 pins (Read Only)
4:7
System defined Panel ID field which can be written/ read from host
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com