Electronic Components Datasheet Search
  English  ▼

X  

SLB128B Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 19Page - National Semiconductor (TI) SLB128B Datasheet HTML 20Page - National Semiconductor (TI) SLB128B Datasheet HTML 21Page - National Semiconductor (TI) SLB128B Datasheet HTML 22Page - National Semiconductor (TI) SLB128B Datasheet HTML 23Page - National Semiconductor (TI) SLB128B Datasheet HTML 24Page - National Semiconductor (TI) SLB128B Datasheet HTML 25Page - National Semiconductor (TI) SLB128B Datasheet HTML 26Page - National Semiconductor (TI) SLB128B Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
LVDS Interface (Continued)
TABLE 4. Conventional Data mapping for one 12-bit (two data per clock )single pixel in-to-dual pixel out application
(DUAL = 1/2V
CC, Port1 A0-A3 and Port2 A4-A7 are active, BAL = Gnd)
VGA - TFT Data
Signals Color Bits
Transmitter input pin names
Receiver output pin names
TFT Panel Data
Signals
24-bit
DS90C2501
DS90CF388
18-bit
24-bit
Port 1-Primary (the first active RGB pixel)
LSB
R0
E2-D4
R16
RO0
R1
E2-D5
R17
RO1
R2
E2-D6
R10
RO0
RO2
R3
E2-D7
R11
RO1
RO3
R4
E2-D8
R12
RO2
RO4
R5
E2-D9
R13
RO3
RO5
R6
E2-D10
R14
RO4
RO6
MSB
R7
E2-D11
R15
RO5
RO7
LSB
G0
E1-D8
G16
GO0
G1
E1-D9
G17
GO1
G2
E1-D10
G10
GO0
GO2
G3
E1-D11
G11
GO1
GO3
G4
E2-D0
G12
GO2
GO4
G5
E2-D1
G13
GO3
GO5
G6
E2-D2
G14
GO4
GO6
MSB
G7
E2-D3
G15
GO5
GO7
LSB
B0
E1-D0
B16
BO0
B1
E1-D1
B17
BO1
B2
E1-D2
B10
BO0
BO2
B3
E1-D3
B11
BO1
BO3
B4
E1-D4
B12
BO2
BO4
B5
E1-D5
B13
BO3
BO5
B6
E1-D6
B14
BO4
BO6
MSB
B7
E1-D7
B15
BO5
BO7
Port 2-Secondary (the second active RGB pixel)
LSB
R0
E4-D4
R26
RE0
R1
E4-D5
R27
RE1
R2
E4-D6
R20
RE0
RE2
R3
E4-D7
R21
RE1
RE3
R4
E4-D8
R22
RE2
RE4
R5
E4-D9
R23
RE3
RE5
R6
E4-D10
R24
RE4
RE6
MSB
R7
E4-D11
R25
RE5
RE7
LSB
G0
E3-D8
G26
GE0
G1
E3-D9
G27
GE1
G2
E3-D10
G20
GE0
GE2
G3
E3-D11
G21
GE1
GE3
G4
E4-D0
G22
GE2
GE4
G5
E4-D1
G23
GE3
GE5
G6
E4-D2
G24
GE4
GE6
MSB
G7
E4-D3
G25
GE5
GE7
LSB
B0
E3-D0
B26
BE0
B1
E3-D1
B27
BE1
B2
E3-D2
B20
BE0
BE2
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com