Electronic Components Datasheet Search
  English  ▼

X  

SLB128B Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 21Page - National Semiconductor (TI) SLB128B Datasheet HTML 22Page - National Semiconductor (TI) SLB128B Datasheet HTML 23Page - National Semiconductor (TI) SLB128B Datasheet HTML 24Page - National Semiconductor (TI) SLB128B Datasheet HTML 25Page - National Semiconductor (TI) SLB128B Datasheet HTML 26Page - National Semiconductor (TI) SLB128B Datasheet HTML 27Page - National Semiconductor (TI) SLB128B Datasheet HTML 28Page - National Semiconductor (TI) SLB128B Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
LVDS Interface (Continued)
TABLE 5. Conventional Data Mapping for two 12-bit (two data per clock)dual pixel in-to-dual pixel out
application(DUAL = V
CC, Port1 A0-A3 and Port2 A4-A7 are active, BAL = Gnd. )
VGA - TFT Data
Signals Color Bits
Transmitter input pin names
Receiver output pin names
TFT Panel Data
Signals
24-bit
DS90C2501
DS90CF388
18-bit
24-bit
Port 1-Primary ( the first active RGB pixel)
LSB
R0
E2-D4
R16
R0
R1
E2-D5
R17
R1
R2
E2-D6
R10
R0
R2
R3
E2-D7
R11
R1
R3
R4
E2-D8
R12
R2
R4
R5
E2-D9
R13
R3
R5
R6
E2-D10
R14
R4
R6
MSB
R7
E2-D11
R15
R5
R7
LSB
G0
E1-D8
G16
G0
G1
E1-D9
G17
G1
G2
E1-D10
G10
G0
G2
G3
E1-D11
G11
G1
G3
G4
E2-D0
G12
G2
G4
G5
E2-D1
G13
G3
G5
G6
E2-D2
G14
G4
G6
MSB
G7
E2-D3
G15
G5
G7
LSB
B0
E1-D0
B16
B0
B1
E1-D1
B17
B1
B2
E1-D2
B10
B0
B2
B3
E1-D3
B11
B1
B3
B4
E1-D4
B12
B2
B4
B5
E1-D5
B13
B3
B5
B6
E1-D6
B14
B4
B6
MSB
B7
E1-D7
B15
B5
B7
Port 2-Secondary ( the second active RGB pixel)
LSB
R0
E2-D16
R26
R0
R1
E2-D17
R27
R1
R2
E2-D18
R20
R0
R2
R3
E2-D19
R21
R1
R3
R4
E2-D20
R22
R2
R4
R5
E2-D21
R23
R3
R5
R6
E2-D22
R24
R4
R6
MSB
R7
E2-D23
R25
R5
R7
LSB
G0
E1-D20
G26
G0
G1
E1-D21
G27
G1
G2
E1-D22
G20
G0
G2
G3
E1-D23
G21
G1
G3
G4
E2-D12
G22
G2
G4
G5
E2-D13
G23
G3
G5
G6
E2-D14
G24
G4
G6
MSB
G7
E2-D15
G25
G5
G7
LSB
B0
E1-D12
B26
B0
B1
E1-D13
B27
B1
B2
E1-D14
B20
B0
B2
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com