Electronic Components Datasheet Search
  English  ▼

X  

SLB128B Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 11Page - National Semiconductor (TI) SLB128B Datasheet HTML 12Page - National Semiconductor (TI) SLB128B Datasheet HTML 13Page - National Semiconductor (TI) SLB128B Datasheet HTML 14Page - National Semiconductor (TI) SLB128B Datasheet HTML 15Page - National Semiconductor (TI) SLB128B Datasheet HTML 16Page - National Semiconductor (TI) SLB128B Datasheet HTML 17Page - National Semiconductor (TI) SLB128B Datasheet HTML 18Page - National Semiconductor (TI) SLB128B Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
DS90C2501 Pin Description (Continued)
Pin Name
Pin No.
I/O Type
Description
OPTION SELECTION
V
REF
83
I-ANALOG
This pin is never to be left floating and never tie to GND.
For LVTTL level data input, tie V
REF to VCC3V. When VREF > 1.8V, input data
is set to LVTTL level.
For low voltage swing level data input, tie V
REF to
1
⁄2V
DDQ (VDDQ provided by
host interface) V
DDQ is from the host. When VREF < =1.0V, indicates input
data is in low voltage swing mode.
Input data = logic High = V
REF +100 mV in low voltage swing level.
Input data = logic Low = V
REF −100 mV in low voltage swing level.
TST1, TST2,
TST3
19, 20, 85
I-LVTTL 2.5
These pins are used in production testing and should be tied to GND in
normal operation.
POWER (See Application Information for power supply decoupling requirements)
V
CC/DVCC
81, 82,
75, 77,
96, 119,
123, 125
PWR
Power supply pins (pin 75, 77, 81, 82, 96, 119, 123, and 125) for 2.5V LVTTL
inputs and digital circuitry.
GND/DGND
33, 73,
74, 76,
78, 79,
80, 84,
118, 122,
124
PWR
GND or DGND reference for 2.5V TTL inputs and digital circuitry.
V
CC3V
121, 127
PWR
The V
CC3V is required for internal logic and certain 3V I/O.
During power up stage, voltage readings on these pins must be higher than
2.5V pins.
GND3V
120, 126,
128
PWR
Ground return pins for V
CC3V powered logic.
SPLLV
CC
87, 89
PWR
2.5V power supply pins for scaler PLL circuitry. It is not recommended to
share this power with PLLV
CC.
SPLLGND
86, 88, 90
PWR
Ground returns for scaler PLL circuitry.
PLLV
CC
92, 94
PWR
2.5V power supply pins for Tx PLL circuitry. It is not recommended to share
this power with SPLLV
CC.
PLLGND
91, 93, 95
PWR
Ground returns for Tx PLL circuitry.
LVDSV
CC
105, 109
PWR
Power supply pins for LVDS output drivers.
LVDSGND
104, 108
PWR
Ground return pins for LVDS output drivers.
LVDSV
CC3V
101, 103,
107, 111
PWR
3V power supply pins for LVDS output drivers.
During power up stage, voltage readings on these pins must be higher than
2.5V pins.
LVDSGND3V
102, 106,
110, 112
PWR
Ground return pins for 3V LVDS outputs.
Note 11: When device power is applied, it is possible for these outputs to switch to a logic “1” momentarily as the 3.3V is rising and before 2.5V reaches at least
0.8V. During this brief period, the pad control logic could be non-deterministic, RESETN will have no effect. It is recommended these outputs are gated externally
if the system design requires them to remain in the inactive logic “0” state during power-on.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com