Electronic Components Datasheet Search
  English  ▼

X  

SLB128B Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 28Page - National Semiconductor (TI) SLB128B Datasheet HTML 29Page - National Semiconductor (TI) SLB128B Datasheet HTML 30Page - National Semiconductor (TI) SLB128B Datasheet HTML 31Page - National Semiconductor (TI) SLB128B Datasheet HTML 32Page - National Semiconductor (TI) SLB128B Datasheet HTML 33Page - National Semiconductor (TI) SLB128B Datasheet HTML 34Page - National Semiconductor (TI) SLB128B Datasheet HTML 35Page - National Semiconductor (TI) SLB128B Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LVDS Interface (Continued)
Note 12: The lower half of the pixel is latched by the primary clock edge E1.
Note 13: E3 and E4 only apply when DUAL pin = 1/2 VCC.
Note 14: Above figure only valid when R_FDE bit = VCC, DE signal from GUI is set to be active HIGH.
Note 15: D0 to D11 are clocked at the crossing point of CLKOUT+ and CLKOUT− when differential clock input is applied. This applies to D12 to D23 when DUAL
pin=VCC.
Note 16: Single-ended clock is not recommended for operation above 65MHz by GMCH vendor.
TABLE 9. 12-bit (two data per clock) input application data mapping with GMCH.
P0
P1
P2
P0L
P0H
P1L
P1H
P2L
P2H
Pin Name
Low
High
Low
High
Low
High
D11
G0[3]
R0[7]
G1[3]
R1[7]
G2[3]
R2[7]
D10
G0[2]
R0[6]
G1[2]
R1[6]
G2[2]
R2[6]
D9
G0[1]
R0[5]
G1[1]
R1[5]
G2[1]
R2[5]
D8
G0[0]
R0[4]
G1[0]
R1[4]
G2[0]
R2[4]
D7
B0[7]
R0[3]
B1[7]
R1[3]
B2[7]
R2[3]
D6
B0[6]
R0[2]
B1[6]
R1[2]
B2[6]
R2[2]
D5
B0[5]
R0[1]
B1[5]
R1[1]
B2[5]
R2[1]
D4
B0[4]
R0[0]
B1[4]
R1[0]
B2[4]
R2[0]
D3
B0[3]
G0[7]
B1[3]
G1[7]
B2[3]
G2[7]
D2
B0[2]
G0[6]
B1[2]
G1[6]
B2[2]
G2[6]
D1
B0[1]
G0[5]
B1[1]
G1[5]
B2[1]
G2[5]
D0
B0[0]
G0[4]
B1[0]
G1[4]
B2[0]
G2[4]
Note 17: Color notation: R = RED, G = GREEN, B = BLUE.
Note 18: Bit significance within a color: [7:0] = [MSB:LSB].
20004533
FIGURE 14. How Data is Latched in the DS90C2501
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com