Electronic Components Datasheet Search
  English  ▼

X  

SLB128B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SLB128B Datasheet HTML 1Page - National Semiconductor (TI) SLB128B Datasheet HTML 2Page - National Semiconductor (TI) SLB128B Datasheet HTML 3Page - National Semiconductor (TI) SLB128B Datasheet HTML 4Page - National Semiconductor (TI) SLB128B Datasheet HTML 5Page - National Semiconductor (TI) SLB128B Datasheet HTML 6Page - National Semiconductor (TI) SLB128B Datasheet HTML 7Page - National Semiconductor (TI) SLB128B Datasheet HTML 8Page - National Semiconductor (TI) SLB128B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Two-Wire Serial Communication Interface
Unless otherwise noted, below specifications apply for V
CC3V pin = 3.0V to 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN(1)
Logical“1” input voltage
2.1
V
V
IN(0)
Logical“0” input voltage
0.8
V
V
OL
Serial Bus Low level output
voltage
I
OL = 3mA
0.1
0.4
V
I
OL = 6mA
0.15
0.6
V
Recommended DVO Port Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
TCIT
TxCLK IN Transition Time (Figure 4)
DUAL = Gnd
0.8
1.2
2.4
ns
TCIP
TxCLK IN Period (Figure 5)
DUAL = Gnd
5.9
T
40
ns
TCIH
TxCLK in High Time (Figure 5)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK in Low Time (Figure 5)
0.35T
0.5T
0.65T
ns
TXIT
D0 to D23 Transition Time
1
ns
VDDQ
Low Swing Voltage Amplitude from GMCH
1.0
1.8
V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com