Electronic Components Datasheet Search
  English  ▼

X  

SLB128B Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 33Page - National Semiconductor (TI) SLB128B Datasheet HTML 34Page - National Semiconductor (TI) SLB128B Datasheet HTML 35Page - National Semiconductor (TI) SLB128B Datasheet HTML 36Page - National Semiconductor (TI) SLB128B Datasheet HTML 37Page - National Semiconductor (TI) SLB128B Datasheet HTML 38Page - National Semiconductor (TI) SLB128B Datasheet HTML 39Page - National Semiconductor (TI) SLB128B Datasheet HTML 40Page - National Semiconductor (TI) SLB128B Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Scaler Information
DVO Input and Bypass Mode:
The input single port DVO data is translated into 18bit/24bit
RGB data for scaling. Single port data over 108MHz or dual
port data will be bypassed and not scaled. The LVDS output
can be single or dual port.
Input Timing Control:
The DS90C2501 input timing control can detect the input
timing information such as horizontal and vertical sync width,
pixel-total and line-total count and the active video starting
and ending positions. Such information can be provided to
the host through two-wire serial communication Interface to
help determine the input mode.
Display Synchronization
The DS90C2501 synchronizes the display timing with input
graphics timing so that no external frame buffer is needed.
There are three operation modes:
Free-run mode: No synchronization. Output timing is gener-
ated from external 14.318MHz reference clock.
Line lock mode: the display Hsync is synchronized with the
input line rate.
Frame lock mode: the display Vsync is synchronized with the
input frame rate.
In free-run mode, the display timing is decided by the values
programmed into the various timing registers. In line-lock
mode, the display line rate is a function of the selected input
clock, forcing the output frame rate to be locked to input
frame rate. Timing management is more complicated The
frame-lock mode is used more often. The output pixel clock
and Hsync are generated from the external 14.318MHz ref-
erence clock and the embedded PLL, but the Vsync is
refreshed at the input frame rate.
Gamma Look-up Table (LUT):
The DS90C2501 provides an 8-bit look-up-table (LUT) for
each input color channel in case gamma correction is
needed. The LUT is user programmable to provide an arbi-
trary transfer function.
The transmitter is offered with programmable edge data
strobes for convenient interface with a variety of graphics
controllers. The transmitter can be programmed for rising
edge strobe or falling edge strobe through a dedicated pin. A
rising edge transmitter will inter-operate with a falling edge
receiver without any translation logic.
Output Timing Control:
The DS90C2501 output timing is fully programmable through
two-wire serial communication Interface for different panel
requirements. When 6-bit color LCD is used, dithering (FRC)
can be turned on via two-wire serial communication pro-
gramming interface. The least two LSB of each color are
default to be logic low all the time. When 8-bit color LCD is
used, dithering (FRC) is not needed, and can be turned off
via two-wire serial communication programming interface.
See DS90C2501 guide for further information on program-
ming these features.
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com