Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 54 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 50Page - STMicroelectronics STS1TX Datasheet HTML 51Page - STMicroelectronics STS1TX Datasheet HTML 52Page - STMicroelectronics STS1TX Datasheet HTML 53Page - STMicroelectronics STS1TX Datasheet HTML 54Page - STMicroelectronics STS1TX Datasheet HTML 55Page - STMicroelectronics STS1TX Datasheet HTML 56Page - STMicroelectronics STS1TX Datasheet HTML 57Page - STMicroelectronics STS1TX Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
MCU interface
STS1TX
54/70
DocID025109 Rev 1
In STANDBY state, no oscillator is available as the clock source. In order to allow the MCU
to better handle this event, and avoid a potential dead state situation, a dedicated procedure
is forecast when the STS1TX enters STANDBY state. A few extra clock cycles can be
provided to the MCU before actually stopping the clock (an interrupt is generated to notify
the MCU of this event).
The number of extra cycles can be programmed through the MCU_CK_CONF configuration
register to 0, 64, 256, or 512. The MCU can make use of these cycles to prepare to standby
or to switch on any auxiliary clock generator. The maximum transition time from READY to
STANDBY is then:
Equation 9
where fclk is the digital clock frequency (typically 26 MHz).
The transition to SLEEP state causes the MCU clock source to change from XO to RCO.
Similarly, when the STS1TX exits SLEEP to any active state, the source is the XO. Both
these transitions are implemented in order to be glitch-free. This is guaranteed by
synchronizing both transitions, switching on the rising or falling edge of the RCO clock.
The clock provided to the MCU depends on the current state:
Table 33. MCU clock vs. state
State
Source oscillator
MCU clock
SHUTDOWN
N/A
N/A
STANDBY
N/A
Tail
SLEEP
RC Osc
RC/1 or RC/128
READY
TUNING
TX
XTAL
XTAL/N
TREADY STANDBY
Δ
1
fclk
--------
512
1192
⁄
-----------------
98304
fclk
----------------
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com