Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 61 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 57Page - STMicroelectronics STS1TX Datasheet HTML 58Page - STMicroelectronics STS1TX Datasheet HTML 59Page - STMicroelectronics STS1TX Datasheet HTML 60Page - STMicroelectronics STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics STS1TX Datasheet HTML 64Page - STMicroelectronics STS1TX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
DocID025109 Rev 1
61/70
STS1TX
Register table
Table 37. Packet/protocol configuration registers
Register name
Address
Bit
Field Name
Reset
R/W
Description
PCKTCTRL4
0x30
7:5
Reserved
000
R/W
4:3
ADDRESS_LEN[1:0]
00
Length of address field in
bytes:
0 or 1: Basic
2: STack
2:0
CONTROL_LEN
000
Length of control field in
bytes
PCKTCTRL3
0x31
7:6
PCKT_FRMT[1:0]
00
R/W
Format of packet.
0: basic,
2: WM-Bus,
3: STack
(see Section 9.5)
5:4
Reserved
00
3:0
LEN_WID
0111
Size in number of binary digit
of length field
PCKTCTRL2
0x32
7:3
PREAMBLE_LENGTH[
4:0]
00011
R/W
Length of preamble field in
bytes (from 1 to 32)
2:1
SYNC_LENGTH[1:0]
11
Length of sync field in bytes
(from 1 to 4)
0
FIX_VAR_LEN
0
Packet length mode.
0: fixed,
1: variable (in variable mode
the field LEN_WID of
PCKTCTRL3 register must
be configured)
PCKTCTRL1
0x33
7:5
CRC_MODE[2:0]
001
R/W
CRC:
0: No CRC,
1: 0x07,
2: 0x8005,
3: 0x1021,
4: 0x864CBF
4WHIT_EN[0]
0
1: enable the whitening mode
on the data
(see Section 9.4.3)
3:2
TXSOURCE[1:0]
00
TX source data:
0: normal mode,
1: direct through FIFO,
2: direct through GPIO,
3: PN9
1Reserved
0
0FEC_EN
0
1: enable the FEC encoding
in TX. (see Section 9.4.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com