Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 34 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 30Page - STMicroelectronics STS1TX Datasheet HTML 31Page - STMicroelectronics STS1TX Datasheet HTML 32Page - STMicroelectronics STS1TX Datasheet HTML 33Page - STMicroelectronics STS1TX Datasheet HTML 34Page - STMicroelectronics STS1TX Datasheet HTML 35Page - STMicroelectronics STS1TX Datasheet HTML 36Page - STMicroelectronics STS1TX Datasheet HTML 37Page - STMicroelectronics STS1TX Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Transmission and reception
STS1TX
34/70
DocID025109 Rev 1
Three registers are available to use the AES engine of STS1TX:
•
AES_KEY_IN [15:0]: R/W type register (128-bit), used to provide the key to use
•
AES_DATA_IN [15:0]: R/W type register (128-bit), used to provide the input to the AES
engine
•
AES_DATA_OUT [15:0]: R type register (128-bit), used to retrieve the output of the
AES operation.
The core processes 128-bit data blocks using 128-bit keys.
The AES can be accessed in any of the STS1TX operation modes.
To turn on the AES engine, the AES_ON bit in the ANA_FUNC_CONF[0] register must be
set.
Once the AES engine is on, it processes the operations according to the commands sent.
The STS1TX engine provides 4 different operations:
1.
Encryption using a given encryption key (AES Enc command). In this operation, the
MCU puts the encryption key into the AES_KEY_IN[15:0] register and the data to
encrypt into the AES_DATA_IN[15:0]. The MCU sends the AES Enc command and
when the AES_EOP (end of operation) is issued, the MCU can retrieve the data
encrypted from AES_DATA_OUT[15:0]
2.
Decryption key derivation starting from an encryption key (AES Key command). In this
operation, the MCU puts the encryption key into AES_DATA_IN[15:0]. The MCU sends
the AES Key command and when the AES_EOP (end of operation) is issued, the MCU
can retrieve the decryption key from AES_DATA_OUT[15:0]
3.
Data decryption using a decryption key (AES Dec command). In this operation, the
MCU puts the decryption key into the AES_KEY_IN[15:0] register and the data to
decrypt into AES_DATA_IN[15:0]. The MCU sends the AES Dec command and when
the AES_EOP (end of operation) is issued, the MCU can retrieve the data decrypted
from AES_DATA_OUT[15:0].
4.
Data decryption using a decryption key (AES KeyDec command). In this operation, the
MCU puts the encryption key into the AES_KEY_IN[15:0] register and the data to
decrypt into AES_DATA_IN[15:0]. The MCU sends the AES KeyDec command and
when the AES_EOP (end of operation) is issued, the MCU can retrieve the data
decrypted from AES_DATA_OUT[15:0].
9
Transmission and reception
9.1
PA configuration
The PA output power level can be configured by programming the PA_POWER[8:0] register
bank. The user can store up to eight output levels to provide flexible PA power ramp-up and
ramp-down at the start and end of a frequency modulation transmission as well as ASK
modulation shaping.
The power levels of the ramp are controlled by 7-bit words (PA_LEVEL_x, x=0
− 7),
according to the following table:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com