Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 66 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics STS1TX Datasheet HTML 64Page - STMicroelectronics STS1TX Datasheet HTML 65Page - STMicroelectronics STS1TX Datasheet HTML 66Page - STMicroelectronics STS1TX Datasheet HTML 67Page - STMicroelectronics STS1TX Datasheet HTML 68Page - STMicroelectronics STS1TX Datasheet HTML 69Page - STMicroelectronics STS1TX Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
Register table
STS1TX
66/70
DocID025109 Rev 1
AES_ DATA_OUT[15]
0xD4
7:0
AES_OUT15
0
R
AES engine data output (128
bits)
AES_ DATA_OUT[14]
0xD5
7:0
AES_OUT14
0
R
AES engine data output (128
bits)
……
…
…
…
…
AES_ DATA_OUT[1]
0xE2
7:0
AES_OUT1
0
R
AES engine data output (128
bits)
AES_ DATA_OUT[0]
0xE3
7:0
AES_OUT0
0
R
AES engine data output (128
bits)
RCO_VCO_CALIBR_O
UT[1]
0xE4
7:4
RWT_OUT[3:0]
0
R
RWT word from internal RCO
calibrator
3:0
RFB_OUT[4:1]
0
RFB word from internal RCO
calibrator
RCO_VCO_CALIBR_O
UT[0]
0xE5
7RFB_OUT[0]
0
R
6:0
VCO_CALIBR_DATA
0
Output word from internal VCO
calibrator
LINEAR_FIFO_STATUS
[1]
0xE6
7
Reserved
0
R
6:0
ELEM_TXFIFO
0
Number of elements in the
linear TX FIFO (from 0 to 96
bytes)
IRQ_STATUS[3]
0xFA
7:0
INT_EVENT[31:24]
0
RR
The IRQ status register. See
Table 29.
IRQ_STATUS[2]
0xFB
7:0
INT_EVENT[23:16]
0
RR
The IRQ status register. See
Table 29.
IRQ_STATUS[1]
0xFC
7:0
INT_EVENT[15:8]
0
RR
The IRQ status register. See
Table 29.
IRQ_STATUS[0]
0xFD
7:0
INT_EVENT[7:0]
0
RR
The IRQ status register. See
Table 29.
Table 38. Frequently used registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description
Table 39. General information
Register
Address
Bit
Field name
Reset
R/W
Description
DEVICE_INFO[1:0]
0xF0
7:0
PARTNUM[7:0]
0x01
R
Device part number
0xF1
7:0
VERSION[7:0]
0x30
R
Device version number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com