Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 36 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 32Page - STMicroelectronics STS1TX Datasheet HTML 33Page - STMicroelectronics STS1TX Datasheet HTML 34Page - STMicroelectronics STS1TX Datasheet HTML 35Page - STMicroelectronics STS1TX Datasheet HTML 36Page - STMicroelectronics STS1TX Datasheet HTML 37Page - STMicroelectronics STS1TX Datasheet HTML 38Page - STMicroelectronics STS1TX Datasheet HTML 39Page - STMicroelectronics STS1TX Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
Transmission and reception
STS1TX
36/70
DocID025109 Rev 1
Figure 7. Output power ramping configuration
The set of 8 levels is used to shape the ASK signal. In this case, the modulator works as a
counter that counts up when transmitting a one and down when transmitting a zero. The
counter counts at a rate equal to 8 times the symbol rate (in this case, the field
PA_RAMP_STEP_WIDTH is not used). This counter value is used as an index for the
lookup in the levels table in Figure 7 to associate the relevant POUT value. Therefore, in
order to utilize the whole table, PA_LEVEL_MAX_INDEX should be 7 when ASK is active.
The real shaping of the ASK signal is dependent on the configuration of the PA_LEVEL_x
registers. Figure 7 shows some examples of ASK shaping.
Using the a frequency modulation, the output power is configured by PA_LEVEL_x, with
x=PA_LEVEL_MAX_INDEX.
For OOK modulation, the signal is abruptly switched between two levels only, these are
PA_LEVEL_0 and PA_LEVEL_x, with x=PA_LEVEL_MAX_INDEX.
The 2-bit CWC field in the PA_POWER register bank can be used to tune the internal
capacitive load of the PA (up to 3.6 pF in steps of 1.2 pF) in order to optimize the
performance at different frequencies.
The output power are reported in Table 26: PA_level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com