Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 38 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 34Page - STMicroelectronics STS1TX Datasheet HTML 35Page - STMicroelectronics STS1TX Datasheet HTML 36Page - STMicroelectronics STS1TX Datasheet HTML 37Page - STMicroelectronics STS1TX Datasheet HTML 38Page - STMicroelectronics STS1TX Datasheet HTML 39Page - STMicroelectronics STS1TX Datasheet HTML 40Page - STMicroelectronics STS1TX Datasheet HTML 41Page - STMicroelectronics STS1TX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
Transmission and reception
STS1TX
38/70
DocID025109 Rev 1
where:
FC_OFFSET is a 12-bit integer (expressed as 2's complement number) set by the
FC_OFFSET[1:0] registers
Furthermore, the selection between VCOH (“high”) and VCOL (“low”) in the frequency
synthesizer according to the band selected and the VCO threshold is required.
If the center frequency is below the frequency threshold for that frequency band, the VCO_L
must be selected by setting the bit 2 VCO_L_SEL field in the SYNTH_CONFIG register.
If the center frequency is above the frequency threshold for that frequency band, VCO_H
must be selected by setting the bit 1 VCO_ H _SEL field in the SYNTH_CONFIG register.
The user must make sure that actual frequency programming is inside the specified
frequency range. The accuracy of the offset is about 99 Hz for the 26 MHz reference and
about 198 Hz for the 52 MHz reference.
9.3
Modulation scheme
The following modulation formats are supported: 2-FSK, GFSK, MSK, OOK, and ASK. The
actual modulation format used is controlled by the MOD_TYPE field of the MOD0 register:
MOD_TYPE =
0 (00): 2-FSK
1 (01): GFSK
2 (10): ASK/OOK
3 (11): MSK
In 2-FSK and GFSK modes, the frequency deviation is controlled by the FDEV register
according to the following formula:
Equation 7
where:
fXO is the XTAL oscillator frequency (typically 26 MHz or 52 MHz).
FDEV_M is a 3-bit integer ranging from 0 to 7
FDEV_E is a 4-bit integer ranging from 0 to 9.
The fdev values obtainable are then:
For fXO = 52 MHz
Table 27. Frequency threshold
Frequency threshold for each band (MHz)(1)
1. By default, the VCO_H is selected.
Very low band
Low band
Middle band
High band
161281250
322562500
430083334
860166667
fdev
fxo
floor 8
(
(
FDEV_M
)
+
2
FDEV_E 1
)
2
18
--------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com