Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 15 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 11Page - STMicroelectronics STS1TX Datasheet HTML 12Page - STMicroelectronics STS1TX Datasheet HTML 13Page - STMicroelectronics STS1TX Datasheet HTML 14Page - STMicroelectronics STS1TX Datasheet HTML 15Page - STMicroelectronics STS1TX Datasheet HTML 16Page - STMicroelectronics STS1TX Datasheet HTML 17Page - STMicroelectronics STS1TX Datasheet HTML 18Page - STMicroelectronics STS1TX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
DocID025109 Rev 1
15/70
STS1TX
Characteristics
6.2.3
RF transmitter
Characteristics measured over recommended operating conditions unless otherwise
specified. All typical values are referred to TA = 25 °C, VBAT = 3.0 V. All performance is
referred to a 50 Ohm antenna connector, via the reference design.
VIL
Logic low level input
voltage
VDD/8
+0.3
V
VOH
High level output voltage
IOH = -2.4 mA (-4.2 mA if
high output current
capability is
programmed).
(5/8)*
VDD+
0.1
V
VOL
Low level output voltage
IOL = +2.4 mA (+4 mA if
high output current
capability is
programmed).
0.5
V
Table 11. Digital SPI input and output (SDO, SDI, SCLK, CSn, and SDN) and GPIO
specification (GPIO_1-4) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12. RF transmitter characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PMAX_TX_BO
OST
Maximum output
power(1)
Delivered to a 50 Ohm single-ended
load via reference design using TX
boost mode configuration
-16
dBm
PMAX
Maximum output
power(1)
Delivered to a 50 Ohm single-ended
load via reference design
-11
dBm
PMIN
Minimum output power
Delivered to a 50 Ohm single-ended
load via reference design
-
-30
dBm
PSTEP
Output power step
-
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com