Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 55 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 51Page - STMicroelectronics STS1TX Datasheet HTML 52Page - STMicroelectronics STS1TX Datasheet HTML 53Page - STMicroelectronics STS1TX Datasheet HTML 54Page - STMicroelectronics STS1TX Datasheet HTML 55Page - STMicroelectronics STS1TX Datasheet HTML 56Page - STMicroelectronics STS1TX Datasheet HTML 57Page - STMicroelectronics STS1TX Datasheet HTML 58Page - STMicroelectronics STS1TX Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
DocID025109 Rev 1
55/70
STS1TX
Register table
11
Register table
This section describes all the registers used to configure the STS1TX. The description is
structured in sections according to the register usage.
STS1TX has three types of registers:
•
Read and write (R/W), which can be completely managed by SPI using READ and
WRITE operations
•
Read-only (R)
•
Read-and-reset (RR), is automatically cleared after a READ operation.
A further category of special registers collects the ones which cannot be categorized in any
of the three mentioned above R/W, R, or RR.
The fields named as “Reserved” must not be overridden by the user. Otherwise, behavior is
not guaranteed.
The memory map is shown in the following table:
Table 34. General configuration registers
Register
Address
Bit
Field name
Reset
R/W
Description
ANA_FUNC_CONF[1]
0x00
7:5
Reserved
000
R/W
4:2
GM_CONF[2:0]
011
Sets the driver gm of the XO at
startup
1:0
SET_BLD_LVL[1:0]
00
Sets the BLD threshold
00: 2.7 V
01: 2.5 V
10: 2.3 V
11: 2.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com