Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 51 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 47Page - STMicroelectronics STS1TX Datasheet HTML 48Page - STMicroelectronics STS1TX Datasheet HTML 49Page - STMicroelectronics STS1TX Datasheet HTML 50Page - STMicroelectronics STS1TX Datasheet HTML 51Page - STMicroelectronics STS1TX Datasheet HTML 52Page - STMicroelectronics STS1TX Datasheet HTML 53Page - STMicroelectronics STS1TX Datasheet HTML 54Page - STMicroelectronics STS1TX Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
DocID025109 Rev 1
51/70
STS1TX
MCU interface
All interrupts are reported on a set of interrupt status registers and are individually
maskable. The interrupt status register must be cleared upon a read event from the MCU.
The status of all the interrupts is reported on the IRQ_STATUS[3:0] registers: bits are high
for the events that have generated any interrupts. The interrupts are individually maskable
using the IRQ_MASK[3:0] registers: if the mask bit related to a particular event is
programmed at 0, that event does not generate any interrupt request.
10.3
GPIOs
The total number of GPIO pins is 4. Each pin is individually configurable.
Digital outputs can be selected from the following (see GPIOx_CONF register):
15
Device status related
Not used
16
READY(1)
17
STANDBY state switching in progress
18
Low battery level
19
Power-on reset
20
Brownout event
21
LOCK
29
Others
Not used
30
AES end–of–operation
1. The interrupt flag n.16 is set each time the STS1TX goes to READY state and the XO has
completed its setting transient (XO ready condition detected).
Table 29. Interrupts (continued)
Bit
Events group
Interrupt event
Table 30. Digital outputs
I/O selection
Output signal
0
nIRQ (interrupt request, active low)
1
POR inverted (active low)
2
Wakeup timer expiration: ‘1’ when WUT has expired
3
Low battery detection: ‘1’ when battery is below threshold setting
4
TX data internal clock output (TX data are sampled on the rising edge of it)
5
TX state indication: ‘1’ when the STS1TX is transiting in the TX state
6
TX FIFO almost empty flag
7
TX FIFO almost full flag
8
Not used
9
Not used
10
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com