Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 60 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 56Page - STMicroelectronics STS1TX Datasheet HTML 57Page - STMicroelectronics STS1TX Datasheet HTML 58Page - STMicroelectronics STS1TX Datasheet HTML 59Page - STMicroelectronics STS1TX Datasheet HTML 60Page - STMicroelectronics STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics STS1TX Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
Register table
STS1TX
60/70
DocID025109 Rev 1
PA_POWER[0]
0x18
7:6
CWC[1:0]
00
R/W
Output stage additional load
capacitors bank (to be used to
optimize the PA for different
sub-bands):
00: 0 pF
01: 1.2 pF
10: 2.4 pF
11: 3.6 pF
5
PA_RAMP_ENABLE
0
1: enable the power ramping
4:3
PA_RAMP_STEP_W
IDTH[1:0]
00
Step width (unit: 1/8 of bit
period)
2:0
PA_LEVEL_MAX_IN
DEX
111
Final level for power ramping or
selected output power index.
Table 35. Radio configuration registers (analog blocks) (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description
Table 36. Radio configuration registers (digital blocks)
Register name
Address
Bit
Field Name
Reset
R/W
Description
MOD1
0x1A
7:0
DATARATE_M
0x83
R/W
The mantissa value of the data
rate equation (see Equation 8)
MOD0
0x1B
7CW
0
R/W
1: enable the CW transmit
mode
6
BT_SEL
0
Select BT value for GFSK
0: BT = 1
1: BT = 0.5
5:4
MOD_TYPE[1:0]
01
Modulation type
0: 2-FSK
1: GFSK
2: ASK/OOK
3: MSK
3:0
DATARATE_E
1010
The exponent value of the data
rate equation (see Equation 8)
FDEV0
0x1C
7:4
FDEV_E[3:0]
0100
R/W
The exponent value of the
frequency deviation equation
(see Equation 7)
3
CLOCK_REC_ALGO
_SEL
0
Select PLL or DLL mode for
symbol timing recovery
2:0
FDEV_M
101
The mantissa value of the
frequency deviation equation
(see Equation 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com