Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 50 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 46Page - STMicroelectronics STS1TX Datasheet HTML 47Page - STMicroelectronics STS1TX Datasheet HTML 48Page - STMicroelectronics STS1TX Datasheet HTML 49Page - STMicroelectronics STS1TX Datasheet HTML 50Page - STMicroelectronics STS1TX Datasheet HTML 51Page - STMicroelectronics STS1TX Datasheet HTML 52Page - STMicroelectronics STS1TX Datasheet HTML 53Page - STMicroelectronics STS1TX Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
MCU interface
STS1TX
50/70
DocID025109 Rev 1
Read and write operations are persistently executed while CSn is kept active (low), the
address being automatically incremented (burst mode).
Accessing the FIFO is done as usual with the read and write commands, by putting, as the
address, the code 0xFF. Burst mode is available to access the sequence of bytes in the
FIFO. Clearly, TX-FIFO with a write operation.
Details of the SPI parameters are reported below.
10.2
Interrupts
In order to notify the MCU of a certain number of events an interrupt signal is generated on
a selectable GPIO. The following events trigger an interrupt to the MCU:
Table 28. SPI interface timing requirements
Symbol
Parameter
Min.
Max.
Unit
fSCLK
SCLK frequency
10
MHz
tsp
CSn low to positive edge on SCLK
2
µs
Table 29. Interrupts
Bit
Events group
Interrupt event
0
Packet oriented
Not used
1
Not used
2TX data sent
3
Not used
4
Not used
5
TX FIFO underflow/overflow error
6
Not used
7
TX FIFO almost full
8
TX FIFO almost empty
9
Not used
10
Not used
11
Not used
12
Signal quality related
Not used
13
Not used
14
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com