Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 58 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 54Page - STMicroelectronics STS1TX Datasheet HTML 55Page - STMicroelectronics STS1TX Datasheet HTML 56Page - STMicroelectronics STS1TX Datasheet HTML 57Page - STMicroelectronics STS1TX Datasheet HTML 58Page - STMicroelectronics STS1TX Datasheet HTML 59Page - STMicroelectronics STS1TX Datasheet HTML 60Page - STMicroelectronics STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
Register table
STS1TX
58/70
DocID025109 Rev 1
SYNTH_CONFIG[0]
0x9F
7
SEL_TSPLIT
0
R/W
0: split time: 1.75 ns
1: split time: 3.47 ns
6:0
Reserved
0100000
SYNTH_CONFIG[1]
0x9E
7REFDIV
0
R/W
Enable division by 2 on the
reference clock:
0: fREF = fXO frequency
1: fREF = fXO frequency / 2
6:3
Reserved
1011
2
VCO_L_SEL
0
1: enable VCO_L
1
VCO_H_SEL
1
1: enable VCO_H
0Reserved
1
Table 34. General configuration registers (continued)
Register
Address
Bit
Field name
Reset
R/W
Description
Table 35. Radio configuration registers (analog blocks)
Register name
Address
Bit
Field Name
Reset
R/W
Description
SYNT3
0x08
7:5
WCP[2:0]
000
R/W
Set the charge pump current
according to the VCO
frequency. See Table 24.
4:0
SYNT[25:21]
01100
SYNT[25:21], highest 5 bits of
the PLL programmable divider
The valid range depends on
fXO and REFDIV settings; for
fXO=26MHz. See Equation 2
SYNT2
0x09
7:0
SYNT[20:13]
0x84
R/W
SYNT[20:13], intermediate bits
of the PLL programmable
divider. See Equation 2
SYNT1
0x0A
7:0
SYNT[12:5]
0xEC
R/W
SYNT[12:5], intermediate bits
of the PLL programmable
divider. See Equation 2
SYNT0
0x0B
7:3
SYNT[4:0]
01010
R/W
SYNT[4:0], lowest bits of the
PLL programmable divider.
See Equation 2
2:0
BS
001
R/W
Synthesizer band select. This
parameter selects the out-of-
loop divide factor of the
synthesizer (B in Equation 2).
1: 6 Band select factor for high
band
3: 12 Band select factor for
middle band
4: 16 Band select factor for low
band
5: 32 Band select factor for
very low band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com