Electronic Components Datasheet Search
  English  ▼

X  

STS1TX Datasheet(PDF) 63 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 59Page - STMicroelectronics STS1TX Datasheet HTML 60Page - STMicroelectronics STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics STS1TX Datasheet HTML 64Page - STMicroelectronics STS1TX Datasheet HTML 65Page - STMicroelectronics STS1TX Datasheet HTML 66Page - STMicroelectronics STS1TX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
DocID025109 Rev 1
63/70
STS1TX
Register table
PROTOCOL[1]
0x51
15:1
2
Reserved
0000
R/W
11
SEED_RELOAD
0
1: reload the back-off random
generator seed using the
value written in the
BU_COUNTER_SEED_MSB
YTE / LSBYTE registers
10
CSMA_ON
0
1: CSMA channel access
mode enabled
9
CSMA_PERS_ON
0
1: CSMA persistent (no back-
off) enabled
8Reserved
0
PROTOCOL[0]
0x52
7:4
Reserved
0
R/W
3NACK_TX
1
1: field NO_ACK=1 on
transmitted packet
2:0
Reserved
0
TIMERS[3]
0x55
31:2
4
LDC_PRESCALER[7:0
]
1R/W
Prescaler value of the LDC
wakeup timer. When this
timer expires the STS1TX
exits SLEEP state.
TIMERS[2]
0x56
23:1
6
LDC_COUNTER[7:0]
0
R/W
Counter value of the LDC
wakeup timer. When this
timer expires the STS1TX
exits SLEEP state.
TX_CTRL_FIELD[3]
0x68
7:0
TX_CTRL3
0
R/W
Control field value to be used
in TX packet as byte n.3
TX_CTRL_FIELD[2]
0x69
7:0
TX_CTRL2
0
R/W
Control field value to be used
in TX packet as byte n.2
TX_CTRL_FIELD[1]
0x6A
7:0
TX_CTRL1
0
R/W
Control field value to be used
in TX packet as byte n.1
TX_CTRL_FIELD[0]
0x6B
7:0
TX_CTRL0
0
R/W
Control field value to be used
in TX packet as byte n.0
PM_CONFIG[2]
0xA4
7Reserved
0
R/W
6
EN_TS_BUFFER
0
1: temperature sensor output
is buffered
5
DISABLE_SMPS
0
0: enable internal SMPS
1: disable internal SMPS
4Reserved
0
3
SET_SMPS_VTUNE
1
Sets the SMPS Vtune voltage
2
SET_SMPS_PLLBW
1
Sets the SMPS bandwidth
1:0
Reserved
00
Table 37. Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com