Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 119Page - National Semiconductor (TI) PC87309 Datasheet HTML 120Page - National Semiconductor (TI) PC87309 Datasheet HTML 121Page - National Semiconductor (TI) PC87309 Datasheet HTML 122Page - National Semiconductor (TI) PC87309 Datasheet HTML 123Page - National Semiconductor (TI) PC87309 Datasheet HTML 124Page - National Semiconductor (TI) PC87309 Datasheet HTML 125Page - National Semiconductor (TI) PC87309 Datasheet HTML 126Page - National Semiconductor (TI) PC87309 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
123
www.national.com
5.14.3
Shadow of FIFO Control Register (SH_FCR)
This read-only register returns the contents of the FCR reg-
ister in bank 0.
See “FIFO Control Register (FCR)” on page 112 for bit de-
scriptions.
5.14.4
Link Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in bank 0.
5.15 BANK 4 – IR MODE SETUP REGISTER
TABLE 5-18. Bank 4 Register Set
5.15.1
Reserved Registers
Bank 4 registers with offsets 00h and 01h are reserved.
5.15.2
Infrared Control Register 1 (IRCR1)
This register enables the Sharp-IR or SIR infrared mode in
the Non-Extended mode of operation.
Upon reset, all bits are set to 0.
Bits 1,0 - Reserved
Read/Write 0.
Bits 3,2 - Sharp-IR or SIR Mode Select (IR_SL1,0), Non-
Extended Mode Only
These bits enable Sharp-IR and SIR modes in Non-Ex-
tended mode. They allow selection of the appropriate in-
frared interface when Extended mode is not selected.
These bits are ignored when Extended mode is selected.
TABLE 5-19. Sharp-IR or SIR Mode Selection
Bits 7-4 - Reserved
Read/Write 0.
5.15.3
Link Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in bank 0.
5.15.4
Reserved Registers
Bank 4 registers with offsets 04h-07h are reserved.
5.16 BANK 5 – INFRARED CONTROL REGISTERS
TABLE 5-20. Bank 5 Registers
Offset
Register
Name
Description
00-01h
Reserved
02h
IRCR1
Infrared Control Register 1
03h
LCR/
BSR
Link Control/
Bank Select Registers
04-07h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
FIFO Control Register
(SH_FCR)
Bank 3,
Shadow of
TXSR
TXFTH0
TXFHT1
RXFTH0
RXFTH1
FIFO_EN
RXSR
Reserved
Offset 02h
IR_SL1
IR_SL0
Selected Mode
0
0
UART (Default)
0
1
Reserved
1
0
Sharp-IR
1
1
SIR
Offset
Register
Name
Description
00-02h
Reserved
03h
LCR/
BSR
Link Control Register/
Bank Select Register
04h
IRCR2
Infrared Control Register 2
05h - 07h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(IRCR1)
Bank 4,
Infrared Control Register1
IR_SL0
Reserved
Reserved
IR_SL1
Offset 02h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com