Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 117Page - National Semiconductor (TI) PC87309 Datasheet HTML 118Page - National Semiconductor (TI) PC87309 Datasheet HTML 119Page - National Semiconductor (TI) PC87309 Datasheet HTML 120Page - National Semiconductor (TI) PC87309 Datasheet HTML 121Page - National Semiconductor (TI) PC87309 Datasheet HTML 122Page - National Semiconductor (TI) PC87309 Datasheet HTML 123Page - National Semiconductor (TI) PC87309 Datasheet HTML 124Page - National Semiconductor (TI) PC87309 Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
121
www.national.com
Bit 6 - Reserved
Write 1.
Bit 7 - Baud Generator Test (BTEST)
When set to 1, this bit routes the Baud Generator output
to the DTR pin for testing purposes.
5.13.3
Link Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in bank 0.
5.13.4
Extended Control and Status Register 2
(EXCR2)
This register configures the Prescaler and controls the
Baud Divisor Register Lock.
Upon reset all bits are set to 0.
Bits 3 - 0 - Reserved
Read/Write 0.
Bits 5,4 - Prescaler Select
The prescaler divides the 24 MHz input clock frequency to
provide the clock for the Baud Generator. (See Table 5-16).
TABLE 5-16. Prescaler Select
Bit 6 - Reserved
Read/Write 0.
Bit 7 - Baud Divisor Register Lock (LOCK)
When set to 1, accesses to the Baud Generator Divisor
Register through LBGD(L) and LBGD(H) as well as fall-
back are disabled from non-extended mode.
In this case two scratchpad registers overlaid with LB-
GD(L) and LBGD(H) are enabled, and any attempted
CPU access of the Baud Generator Divisor Register
through LBGD(L) and LBGD(H) will access the Scratch-
Pad Registers instead. This bit must be set to 0 when
extended mode is selected.
5.13.5
Reserved Register
Upon reset, all bits in Bank 2 register with offset 05h are set to 0.
Bits 7-0 - Reserved
Read/Write 0.
5.13.6
TX_FIFO Current Level Register (TXFLV)
This read-only register returns the number of bytes in the
TX_FIFO. It can be used to facilitate programmed I/O
modes during recovery from transmitter underrun in one of
the fast infrared modes.
Bits 4-0 - Number of Bytes in TX_FIFO (TFL(4-0))
These bits specify the number of bytes in the TX_FIFO.
Bits 7,6 - Reserved
Read/Write 0.
Bit 5
Bit 4
Prescaler Value
00
13
0
1
1.625
1
0
Reserved
1
1
1.0
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
and Status Register 2
(EXCR2)
Bank 2,
Extended Control and
PRESL0
PRESL1
Reserved
LOCK
Offset 04h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Register (TXFLV)
Bank 2,
TX_FIFO Current Level
TFL2
TFL4
TFL0
TFL1
TFL3
Extended Modes
Offset 06h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com