Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 114Page - National Semiconductor (TI) PC87309 Datasheet HTML 115Page - National Semiconductor (TI) PC87309 Datasheet HTML 116Page - National Semiconductor (TI) PC87309 Datasheet HTML 117Page - National Semiconductor (TI) PC87309 Datasheet HTML 118Page - National Semiconductor (TI) PC87309 Datasheet HTML 119Page - National Semiconductor (TI) PC87309 Datasheet HTML 120Page - National Semiconductor (TI) PC87309 Datasheet HTML 121Page - National Semiconductor (TI) PC87309 Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
118
www.national.com
In addition, a fallback mechanism maintains this compatibil-
ity by forcing the UART to revert to 16550 mode if 16550
software addresses the module after a different mode was
set. Since setting the Baud Divisor values is a necessary ini-
tialization of the 16550, setting the divisor values in bank 1
forces the UART to enter 16550 mode. (This is called fall-
back.)
To enable other modes to program their desired baud rates
without activating this fallback mechanism, the Baud Gen-
erator Divisor Port pair in bank 2 should be used.
5.12.1
Legacy Baud Generator Divisor Ports (LBGD(L)
and LBGD(H)),
The programmable baud rates in the Non-Extended mode
are achieved by dividing a 24 MHz clock by a prescale value
of 13, 1.625 or 1. This prescale value is selected by the
PRESL field of EXCR2 (see page 121). This clock is subdi-
vided by the two Baud Generator Divisor buffers, which out-
put a clock at 16 times the desired baud (this clock is the
BOUT clock). This clock is used by I/O circuitry, and after a
last division by 16 produces the output baud.
Divisor values between 1 and 216-1 can be used. (Zero is
forbidden). The Baud Generator Divisor must be loaded
during initialization to ensure proper operation of the Baud
Generator. Upon loading either part of it, the Baud Genera-
tor counter is immediately loaded. Table 5-15 on page 120
shows typical baud divisors. After reset the divisor register
contents are indeterminate.
Any access to the LBGD(L) or LBGD(H) ports causes a re-
set to the default Non-Extended mode, i.e., 16550 mode
(See “AUTOMATIC FALLBACK TO A NON-EXTENDED
UART MODE” on page 107). To access a Baud Generator
Divisor when in the Extended mode, use the port pair in
bank 2 (BGD on page 119).
Table 5-12 shows the bits which are cleared when Fallback
occurs during Extended or Non-Extended modes.
If the UART is in Non-Extended mode and the LOCK bit is
1, the content of the divisor (BGD) ports will not be affected
and no other action is taken.
When programming the baud, the new divisor is loaded
upon writing into LBGD(L) and LBGD(H). After reset, the
contents of these registers are indeterminate.
Divisor values between 1 and 216-1 can be used. (Zero is
forbidden.) Table 5-14 shows typical baud divisors.
TABLE 5-12. Bits Cleared On Fallback
.
.
5.12.2
Link Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in bank 0.
5.13 BANK 2 – EXTENDED CONTROL AND STATUS
REGISTERS
Bank 2 contains two alternate Baud Generator Divisor ports
and the Extended Control Registers (EXCR1 and EXCR2).
TABLE 5-13. Bank 2 Register Set
Register
UART Mode & LOCK bit before Fallback
Extended
Mode
LOCK = x
Non-Extended
Mode
LOCK = 0
Non-Extended
Mode
LOCK = 1
MCR
2 to 7
none
none
EXCR1
0, 5 and 7
5 and 7
none
EXCR2
0 to 5
0 to 5
none
IRCR1
2 and 3
none
none
Offset
Register
Name
Description
00h
BGD(L)
Baud Generator Divisor Port (Low
byte)
01h
BGD(H)
Baud Generator Divisor Port (High
byte)
02h
EXCR1
Extended Control Register 1
03h
LCR/BSR
Link Control/ Bank Select Register
04h
EXCR2
Extended Control Register 2
05h
Reserved
06h
TXFLV
TX_FIFO Level
07h
RXFLV
RX_FIFO Level
76543210
Reset
Required
Low Byte port
(LBGD(L))
Bank 1,
Least Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 00h
76543210
Reset
Required
High Byte port
(LBGD(H))
Bank 1,
Most Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com