Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 110Page - National Semiconductor (TI) PC87309 Datasheet HTML 111Page - National Semiconductor (TI) PC87309 Datasheet HTML 112Page - National Semiconductor (TI) PC87309 Datasheet HTML 113Page - National Semiconductor (TI) PC87309 Datasheet HTML 114Page - National Semiconductor (TI) PC87309 Datasheet HTML 115Page - National Semiconductor (TI) PC87309 Datasheet HTML 116Page - National Semiconductor (TI) PC87309 Datasheet HTML 117Page - National Semiconductor (TI) PC87309 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
114
www.national.com
TABLE 5-9. Bank Selection Encoding
5.11.7
Modem/Mode Control Register (MCR)
This register controls the interface with the modem or data
communications set, and the device operational mode
when the device is in the Extended mode. The register
function differs for Extended and Non-Extended modes.
Modem/Mode Control Register (MCR), Non-Extended
Mode
Bit 0 - Data Terminal Ready (DTR)
This bit controls the DTR signal output. When set to 1,
DTR is driven low. When loopback is enabled (LOOP is
set to 1), this bit internally drives DSR.
Bit 1 - Request To Send (RTS)
This bit controls the RTS signal output. When set to 1,
drives RTS low. When loopback is enabled (LOOP is
set), this bit drives CTS, internally.
Bit 2 - Loopback Interrupt Request (RILP)
When loopback is enabled, this bit internally drives RI.
Otherwise it is unused.
Bit 3 - Interrupt Signal Enable (ISEN) or Loopback DCD
(DCDLP)
In normal operation (standard 16450 or 16550) mode,
this bit controls the interrupt signal and must be set to 1
in order to enable the interrupt request signal.
When loopback is enabled, the interrupt output signal is
always enabled, and this bit internally drives DCD.
New programs should always keep this bit set to 1 dur-
ing normal operation. The interrupt signal should be
controlled through the Plug-n-Play logic.
Bit 4 - Loopback Enable (LOOP)
When this bit is set to 1, it enables loopback. This bit ac-
cesses the same internal register as bit 4 of the EXCR1
register. (see “Bit 4 - Loopback Enable (LOOP)” on page
120 for more information on the Loopback mode).
0: Loopback disabled. (Default)
1: Loopback enabled.
Bits 7-5 - Reserved
Read/Write 0.
Modem/Mode Control Register (MCR), Extended Mode
In Extended mode, this register is used to select the opera-
tion mode (IrDA, Sharp, etc.) of the device and to enable the
DMA interface. In these modes, the interrupt output signal
is always enabled, and loopback can be enabled by setting
bit 4 of the EXCR1 register.
Bit 0 - Data Terminal Ready (DTR)
This bit controls the DTR signal output. When set to1,
DTR is driven low. When loopback is enabled (LOOP is
set), this bit internally drives both DSR and RI.
Bit 1 - Request To Send (RTS)
This bit controls the RTS signal output. When set to1,
RTS is driven low. When loopback is enabled (LOOP is
set), this bit internally drives both CTS and DCD.
Bit 2 - DMA Enable (DMA_EN)
When set to1, DMA mode of operation is enabled. When
DMA is selected, transmit and/or receive interrupts
should be disabled to avoid spurious interrupts.
DMA cycles always address the Data Holding Registers
or FIFOs, regardless of the selected bank.
BSR Bits
Bank
Selected
LCR
76543210
0
x
x
x
x
x
x
x
0
LCR is
written
1
0
xxxxxx
1
1
1
xxxx
1
x
1
1
1
xxxxx
1
1
1
1
1
0
0
0
0
0
2
LCR is not
written
11100100
3
11101000
4
11101100
5
11110000
6
11110100
7
1
1
1
1
1
x
0
0
Reserved
1
1
0
x
x
x
0
0
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Non-Extended UART mode
RILP
LOOP
Reserved
Reserved
Reserved
DTR
RTS
ISEN or DCDLP
Offset 04h
76543210
Reset
Required
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Extended Mode
DMA_EN
Reserved
MDSL0
MDSL1
MDSL2
DTR
RTS
TX_DFR
Offset 04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com