Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 113Page - National Semiconductor (TI) PC87309 Datasheet HTML 114Page - National Semiconductor (TI) PC87309 Datasheet HTML 115Page - National Semiconductor (TI) PC87309 Datasheet HTML 116Page - National Semiconductor (TI) PC87309 Datasheet HTML 117Page - National Semiconductor (TI) PC87309 Datasheet HTML 118Page - National Semiconductor (TI) PC87309 Datasheet HTML 119Page - National Semiconductor (TI) PC87309 Datasheet HTML 120Page - National Semiconductor (TI) PC87309 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
117
www.national.com
5.11.10 Scratchpad Register (SPR)
This register shares a common address with the ASCR
Register.
In Non-Extended mode, this is a scratch register (as in the
16550) for temporary data storage.
5.11.11 Auxiliary Status and Control Register (ASCR)
This register shares a common address with the previous
one (SCR).
This register is accessed when the Extended mode of op-
eration is selected. The definition of the bits in this case is
dependent upon the mode selected in the MCR register,
bits 7 through 5. This register is cleared upon hardware re-
set Bits 2 and 6 are cleared when the transmitter is “soft re-
set”. Bits 0,1,4 and 5 are cleared when the receiver is “soft
reset”.
Bit 0 - RX_FIFO Time-Out (RXF_TOUT)
This bit is read only and set to 1 when an RX_FIFO tim-
eout occurs. It is cleared when a character is read from
the RX_FIFO.
Bit 1 -Reserved
Read/Write 0.
Bit 2 - Set End of Transmission (S_EOT)
In Consumer-IR mode this is the Set End of Transmis-
sion bit. When a 1 is written into this bit position before
writing the last character into the TX_FIFO, data trans-
mission is gracefully completed.
In this mode, if the CPU simply stops writing data into
the TX_FIFO at the end of the data stream, a transmitter
underrun is generated and the transmitter stops. In this
case this is not an error, but the software must clear the
underrun before the next transmission can occur. This
bit is automatically cleared by hardware when a charac-
ter is written to the TX_FIFO.
Bit 3 - Reserved
Read/Write 0.
Bit 4 - Reception Watchdog (RXWDG)
In Consumer-IR mode, this is the Reception Watchdog
(RXWDG) bit. It is set to 1 each time a pulse or pulse-
train (modulated pulse) is detected by the receiver. It
can be used by the software to detect a receiver idle
condition. It is cleared upon read.
Bit 5 - Receiver Active (RXACT)
In Consumer-IR Mode this is the Receiver Active (RX-
ACT) bit. It is set to 1 when an infrared pulse or pulse-
train is received. If a 1 is written into this bit position, the
bit is cleared and the receiver is deactivated. When this
bit is set, the receiver samples the infrared input contin-
uously at the programmed baud and transfers the data
to the RX_FIFO. See “Consumer-IR Reception” on
page 106.
Bit 6 - Infrared Transmitter Underrun (TXUR)
In the Consumer-IR mode, this is the Transmitter Un-
derrun flag. This bit is set to 1 when a transmitter under-
run occurs. It is always cleared when a mode other than
Consumer-IR is selected. This bit must be cleared, by
writing 1 into it, to re-enable transmission.
Bit 7 - Reserved
Read/Write 0.
5.12 BANK 1 – THE LEGACY BAUD GENERATOR
DIVISOR PORTS
This register bank contains two Baud Generator Divisor
Ports, and a bank select register.
The Legacy Baud Generator Divisor (LBGD) port provides
an alternate path to the Baud Divisor Generator register.
This bank is implemented to maintain compatibility with
16550 standard and to support existing legacy software
packages. In case of using legacy software, the addresses
0 and 1 are shared with the data ports RXD/TXD (see page
108). The selection between them is controlled by the value
of the BKSE bit (LCR bit 7 page 112).
TABLE 5-11. Bank 1 Register Set
76543210
Reset
Required
Scratchpad Register
(SCR)
Bank 0,
Scratch Data
Non-Extended Modes
Offset 07h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Auxiliary Status
Register (ASCR)
Bank 0,
Reserved
RXACT
TXUR
Reserved
S_EOT
RXWDG
RXF_TOUT
Extended Modes
Reserved
0
Offset 07h
Offset
Register
Name
Description
00h
LBGD(L)
Legacy Baud Generator Divisor
Port (Low Byte)
01h
LBGD(H)
Legacy Baud Generator Divisor
Port (High Byte)
02h
Reserved
03h
LCR/
BSR
Link Control /
Bank Select Register
04h - 07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com