Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 146Page - National Semiconductor (TI) PC87309 Datasheet HTML 147Page - National Semiconductor (TI) PC87309 Datasheet HTML 148Page - National Semiconductor (TI) PC87309 Datasheet HTML 149Page - National Semiconductor (TI) PC87309 Datasheet HTML 150Page - National Semiconductor (TI) PC87309 Datasheet HTML 151Page - National Semiconductor (TI) PC87309 Datasheet HTML 152Page - National Semiconductor (TI) PC87309 Datasheet HTML 153Page - National Semiconductor (TI) PC87309 Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
150
www.national.com
TABLE 6-13. Prescaler Select
Bit 6 - Reserved
Read/Write 0.
Bit 7 - Baud Divisor Register Lock (LOCK)
When set to 1, accesses to the Baud Generator Divisor
Register through LBGD(L) and LBGD(H) as well as fall-
back are disabled from non-extended mode.
In this case two scratchpad registers overlaid with LB-
GD(L) and LBGD(H) are enabled, and any attempted
CPU access of the Baud Generator Divisor Register
through LBGD(L) and LBGD(H) will access the scratch-
pad registers instead. This bit must be set to 0 when ex-
tended mode is selected.
6.7.5
Reserved Register
Upon reset, all bits in Bank 2 register with offset 05h are set
to 0.
Bits 7-0 - Reserved
Read/write 0.
6.7.6
TX_FIFO Current Level Register (TXFLV)
This read-only register returns the number of bytes in the
TX_FIFO. It can be used to facilitate programmed I/O
modes during recovery from transmitter underrun in one of
the fast infrared modes.
Bits 4-0 - Number of Bytes in TX_FIFO (TFL(4-0))
These bits specify the number of bytes in the TX_FIFO.
Bits 7,6 - Reserved
Read/Write 0.
6.7.7
RX_FIFO Current Level Register (RXFLV)
This read-only register returns the number of bytes in the
RX_FIFO. It can be used for software debugging.
Bits 4-0 - Number of Bytes in RX_FIFO (RFL(4-0))
These bits specify the number of bytes in the RX_FIFO.
Bits 7,6 - Reserved
Read/Write 0.
Note: The contents of TXFLV and RXFLV are not frozen
during CPU reads. Therefore, invalid data could be re-
turned if the CPU reads these registers during normal
transmitter and receiver operation. To obtain correct da-
ta, the software should perform three consecutive reads
and then take the data from the second read, if first and
second read yield the same result, or from the third
read, if first and second read yield different results.
6.8
BANK 3 – MODULE REVISION ID AND SHADOW
REGISTERS
Bank 3 contains the Module Revision ID register which
identifies the revision of the module, shadow registers for
monitoring various registers whose contents are modified
by being read, and status and control registers for handling
the flow control.
TABLE 6-14. Bank 3 Register Set
Bit 5
Bit 4
Prescaler Value
00
13
0
1
1.625
1
0
Reserved
1
1
1.0
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Current Level
Register (TXFLV)
Bank 2,
TX_FIFO
TFL2
TFL4
TFL0
TFL1
TFL3
Extended Modes
Offset 06h
Reserved
Offset
Register
Name
Description
00h
MRID
Module Revision ID Register
01h
SH_LCR
Shadow of LCR Register
(Read Only)
02h
SH_FCR
Shadow of FIFO Control Register
(Read Only)
03h
LCR/
BSR
Line Control Register/
Bank Select Register
04h-07h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Current Level
Register (RXFLV)
Bank 2,
RFL2
RFL4
RFL0
RFL1
RFL3
Extended Modes
Offset 07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com