Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 144Page - National Semiconductor (TI) PC87309 Datasheet HTML 145Page - National Semiconductor (TI) PC87309 Datasheet HTML 146Page - National Semiconductor (TI) PC87309 Datasheet HTML 147Page - National Semiconductor (TI) PC87309 Datasheet HTML 148Page - National Semiconductor (TI) PC87309 Datasheet HTML 149Page - National Semiconductor (TI) PC87309 Datasheet HTML 150Page - National Semiconductor (TI) PC87309 Datasheet HTML 151Page - National Semiconductor (TI) PC87309 Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
148
www.national.com
6.7
BANK 2 – EXTENDED CONTROL AND STATUS
REGISTERS
Bank 2 contains two alternate Baud rate Generator Divisor
ports and the Extended Control Registers (EXCR1 and
EXCR2).
TABLE 6-11. Bank 2 Register Set
6.7.1
Baud Generator Divisor Ports, LSB (BGD(L))
and MSB (BGD(H))
These ports perform the same function as the Legacy Baud
Divisor Ports in Bank 1 and are accessed identically to
them, but do not change the operation mode of the module
when accessed. Refer to Section 6.6.1 on page 147 for
more detail.
Use these ports to set the baud rate when operating in Ex-
tended mode to avoid fallback to a Non-Extended operation
mode, i.e., 16550 compatible.When programming the baud
rate, writing to BGDH causes the baud rate to change im-
mediately.
Offset
Register
Name
Description
00h
BGD(L)
Baud Generator Divisor Port (Low
byte)
01h
BGD(H)
Baud Generator Divisor Port (High
byte)
02h
EXCR1
Extended Control Register 1
03h
LCR/BSR
Line Control/ Bank Select Register
04h
EXCR2
Extended Control Register 2
05h
Reserved
06h
TXFLV
TX_FIFO Level
07h
RXFLV
RX_FIFO Level
76543210
Reset
Required
x
x
x
x
x
x
x
x
Low Byte Port
(BGD(L))
Bank 2,
Least Significant Byte
Baud Generator Divisor
of Baud Generator
Offset 00h
TABLE 6-12. Baud Generator Divisor settings
Prescaler Value
13
1.625
1
Baud
Divisor
% Error
Divisor
% Error
Divisor
% Error
50
2304
0.16%
18461
0.00%
30000
0.00%
75
1536
0.16%
12307
0.01%
20000
0.00%
110
1047
0.19%
8391
0.01%
13636
0.00%
134.5
857
0.10%
6863
0.00%
11150
0.02%
150
768
0.16%
6153
0.01%
10000
0.00%
300
384
0.16%
3076
0.03%
5000
0.00%
600
192
0.16%
1538
0.03%
2500
0.00%
1200
96
0.16%
769
0.03%
1250
0.00%
1800
64
0.16%
512
0.16%
833
0.04%
2000
58
0.53%
461
0.12%
750
0.00%
2400
48
0.16%
384
0.16%
625
0.00%
3600
32
0.16%
256
0.16%
416
0.16%
4800
24
0.16%
192
0.16%
312
0.16%
7200
16
0.16%
128
0.16%
208
0.16%
9600
12
0.16%
96
0.16%
156
0.16%
14400
8
0.16%
64
0.16%
104
0.16%
19200
6
0.16%
48
0.16%
78
0.16%
28800
4
0.16%
32
0.16%
52
0.16%
38400
3
0.16%
24
0.16%
39
0.16%
57600
2
0.16%
16
0.16%
26
0.16%
115200
1
0.16%
8
0.16%
13
0.16%
230400
---
---
4
0.16%
---
---
460800
---
---
2
0.16%
---
---
750000
---
---
---
---
2
0.00%
921600
---
---
1
0.16%
---
---
1500000
---
---
---
---
1
0.00%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com