Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 141Page - National Semiconductor (TI) PC87309 Datasheet HTML 142Page - National Semiconductor (TI) PC87309 Datasheet HTML 143Page - National Semiconductor (TI) PC87309 Datasheet HTML 144Page - National Semiconductor (TI) PC87309 Datasheet HTML 145Page - National Semiconductor (TI) PC87309 Datasheet HTML 146Page - National Semiconductor (TI) PC87309 Datasheet HTML 147Page - National Semiconductor (TI) PC87309 Datasheet HTML 148Page - National Semiconductor (TI) PC87309 Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
145
www.national.com
Bits 4 through 1 of the LSR are the error conditions that gen-
erate a Receiver Line Status interrupt whenever any of the
corresponding conditions are detected and that interrupt is
enabled.
The LSR is intended for read operations only. Writing to the
LSR is not permitted
Bit 0 - Receiver Data Available (RXDA)
Set to 1 when the Receiver Holding Register is full.
If the FIFOs are enabled, this bit is set when at least one
character is in the RX_FIFO.
Cleared when the CPU reads all the data in the Holding
Register or in the RX_FIFO.
Bit 1 - Overrun Error (OE)
This bit is set to 1 as soon as an overrun condition is de-
tected by the receiver.
Cleared upon read.
With FIFOs Disabled:
An overrun occurs when a new character is completely
received into the receiver front-end section and the CPU
has not yet read the previous character in the receiver
holding register. The new character is discarded, and
the receiver holding register is not affected.
With FIFOs Enabled:
An overrun occurs when a new character is completely
received into the receiver front-end section and the
RX_FIFO is full. The new character is discarded, and
the RX_FIFO is not affected.
Bit 2 - Parity Error (PE)
This bit is set to 1 if the received data character does not
have the correct parity, even or odd as selected by the
parity control bits of the LCR register.
If the FIFOs are enabled, this error is associated with
the particular character in the FIFO that it applies to.
This error is revealed to the CPU when its associated
character is at the bottom of the RX_FIFO.
This bit is cleared upon read.
Bit 3 - Framing Error (FE)
This bit is set to 1 when the received data character
does not have a valid stop bit (i.e., the stop bit following
the last data bit or parity bit is a 0).
If the FIFOs are enabled, this Framing Error is associat-
ed with the particular character in the FIFO that it ap-
plies to. This error is revealed to the CPU when its
associated character is at the bottom of the RX_FIFO.
After a framing error is detected, the receiver will try to
resynchronize.
If the bit following the erroneous stop bit is 0, the receiv-
er assumes it to be a valid start bit and shifts in the new
character. If that bit is a 1, the receiver enters the idle
state and awaits the next start bit.
This bit is cleared upon read.
Bit 4 - Break Event Detected (BRK)
This bit is set to 1 when a break event is detected (i.e.
when a sequence of logic 0 bits, equal or longer than a
full character transmission, is received). If the FIFOs are
enabled, the break condition is associated with the par-
ticular character in the RX_FIFO to which it applies. In
this case, the BRK bit is set when the character reaches
the bottom of the RX_FIFO.
When a break event occurs, only one zero character is
transferred to the Receiver Holding Register or to the
RX_FIFO.
The next character transfer takes place after at least
one logic 1 bit is received followed by a valid start bit.
This bit is cleared upon read.
Bit 5 - Transmitter Ready (TXRDY)
This bit is set to 1 when the Transmitter Holding Regis-
ter or the TX_FIFO is empty.
It is cleared when a data character is written to the TXD
register.
Bit 6 - Transmitter Empty (TXEMP)
This bit is set to 1 when the Transmitter Holding Regis-
ter or the TX_FIFO is empty, and the transmitter front-
end is idle.
Bit 7 - Error in RX_FIFO (ER_INF)
This bit is set to a 1 if there is at least 1 framing error,
parity error or break indication in the RX_FIFO.
This bit is always 0 in the 16450 mode.
This bit is cleared upon read.
6.5.9
Modem Status Register (MSR)
The function of this register depends on the selected oper-
ational mode. When a UART mode is selected, this register
provides the current-state as well as state-change informa-
tion of the status lines from the modem or data transmission
module.
When loopback is enabled, the MSR register works similar-
ly except that its status input signals are internally driven by
appropriate bits in the MCR register since the modem input
lines are internally disconnected. Refer to at the MCR (see
page 143) and to the LOOP & ETDLBK bits at the EXCR1
(see page 149) for more information.
A description of the various bits of the MSR register, with
Loopback disabled and UART Mode selected, is provided
below.
When bits 0, 1, 2 or 3 is set to 1, a Modem Status Event
(MS_EV) is generated if the MS_IE bit is enabled in the IER
Bits 0 to 3 are set to 0 as a result of any of the following
events:
q
Hardware reset occurs.
q
The MSR register is read.
76543210
Reset
Required
0
0
0
0
0
1
1
0
Line Status
Register (LSR)
Bank 0,
PE
BRK
TXRDY
TXEMP
ER_INF
RXDA
OE
FE
Offset 05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com