Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 140Page - National Semiconductor (TI) PC87309 Datasheet HTML 141Page - National Semiconductor (TI) PC87309 Datasheet HTML 142Page - National Semiconductor (TI) PC87309 Datasheet HTML 143Page - National Semiconductor (TI) PC87309 Datasheet HTML 144Page - National Semiconductor (TI) PC87309 Datasheet HTML 145Page - National Semiconductor (TI) PC87309 Datasheet HTML 146Page - National Semiconductor (TI) PC87309 Datasheet HTML 147Page - National Semiconductor (TI) PC87309 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
144
www.national.com
Modem/Mode Control Register (MCR), Non-Extended
Mode
Bit 0 - Data Terminal Ready (DTR)
This bit controls the DTR signal output. When set to 1,
DTR is driven low. When loopback is enabled (LOOP is
set to 1), this bit internally drives DSR.
Bit 1 - Request To Send (RTS)
This bit controls the RTS signal output. When set to 1,
drives RTS low. When loopback is enabled (LOOP is
set), this bit drives CTS, internally.
Bit 2 - Loopback Interrupt Request (RILP)
When loopback is enabled, this bit internally drives RI.
Otherwise it is unused.
Bit 3 - Interrupt Signal Enable (ISEN) or Loopback DCD
(DCDLP)
In normal operation (standard 16450 or 16550) mode,
this bit controls the interrupt signal and must be set to 1
in order to enable the interrupt request signal.
When loopback is enabled, the interrupt output signal is
always enabled, and this bit internally drives DCD.
New programs should always keep this bit set to 1 dur-
ing normal operation. The interrupt signal should be
controlled through the Plug-n-Play logic.
Bit 4 - Loopback Enable (LOOP)
When this bit is set to 1, it enables loopback. This bit ac-
cesses the same internal register as bit 4 of the EXCR1
register. (see “Bit 4 - Loopback Enable (LOOP)” on page
149 for more information on the Loopback mode).
0: Loopback disabled. (Default)
1: Loopback enabled.
Bits 7-5 - Reserved
Read/Write 0.
Modem/Mode Control Register (MCR), Extended Mode
In Extended mode the interrupt output signal is always en-
abled, and loopback can be enabled by setting bit 4 of the
EXCR1 register.
Bit 0 - Data Terminal Ready (DTR)
This bit controls the DTR signal output. When set to1,
DTR is driven low. When loopback is enabled (LOOP is
set), this bit internally drives both DSR and RI.
Bit 1 - Request To Send (RTS)
This bit controls the RTS signal output. When set to1,
RTS is driven low. When loopback is enabled (LOOP is
set), this bit internally drives both CTS and DCD.
Bit 2 - Reserved
Read/Write 0.
Bit 3 - Transmission Deferral (TX_DFR)
For a detailed description of the Transmission Deferral
see “Fallback from a Non-Extended mode can be dis-
abled by setting the LOCK bit in register EXCR2. When
LOCK is set to 1 and the UART is in a Non-Extended
mode, two scratch registers overlaid with LBGD(L) and
LBGD(H) are enabled. Any attempted CPU access of
LBGD(L) and LBGD(H) accesses the scratch registers,
and the baud rate setting is not affected. This feature al-
lows existing legacy programs to run faster than 115.2
Kbps.” on page 138.
0: No transmission deferral enabled. (Default)
1: Transmission deferral enabled.
This bit is effective only if the Transmission FIFOs is en-
abled.
Bits 7- 4 - Reserved
Read/Write 0.
6.5.8
Line Status Register (LSR)
This register provides status information concerning the
data transfer. They are cleared when one of the following
events occurs:
q
.
q
The receiver is soft-reset.
q
The LSR register is read.
Upon reset this register assumes the value of 0x60h.
The bit definitions change depending upon the operation
mode of the module.
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Non-Extended UART mode
RILP
LOOP
DTR
RTS
ISEN or DCDLP
Offset 04h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Extended Mode
Reserved
DTR
RTS
TX_DFR
Offset 04h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com