Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 162Page - National Semiconductor (TI) PC87309 Datasheet HTML 163Page - National Semiconductor (TI) PC87309 Datasheet HTML 164Page - National Semiconductor (TI) PC87309 Datasheet HTML 165Page - National Semiconductor (TI) PC87309 Datasheet HTML 166Page - National Semiconductor (TI) PC87309 Datasheet HTML 167Page - National Semiconductor (TI) PC87309 Datasheet HTML 168Page - National Semiconductor (TI) PC87309 Datasheet HTML 169Page - National Semiconductor (TI) PC87309 Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 192 page
background image
Device Specifications
166
www.national.com
10.2 DC CHARACTERISTICS OF PINS, BY GROUP
The following tables list the DC characteristics of all device pins described in Section 1.2. The pin list preceeding each table
lists the device pins to which the table applies.
10.2.1
Group 1
Pin List:
A11-0, AEN, CLKIN, CTS2,1, DACK3-1, DCD2,1, DSKCHG, DSR2,1, ID3-0, INDEX, IORD, IOWR, MR, RDATA, RI2,1,
SIN2,1, TC, TRK0, WP
All Group 1 pins are back-drive protected.
1. Not tested. Guaranteed by design.
10.2.2
Group 2
Pin List:
BUSY, PE, SLCT, WAIT
Output from SLCT, PE and BUSY is open-drain in all SPP modes, except in SPP Compatible mode when the setup mode
is ECP-based FIFO and bit 4 of the Control2 parallel port register is 1. (See TABLE 4-1 "Parallel Port Mode Selection" on
page 80.) Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
PE is in Group 2 only if bit 2 of PP Confg0 Register is “0” (see Section 4.5.19 "PP Confg0 Register" on page 94).
All group 2 pins are back-drive protected.
1. Not tested. Guaranteed by design.
10.2.3
Group 3
Pin List:
ACK, ERR, PE
Output from ACK and ERR is open-drain in all SPP modes, except in SPP Compatible mode when the setup mode is ECP-
based FIFO and bit 4 of the Control2 parallel port register is 1. (See TABLE 4-1 "Parallel Port Mode Selection" on page 80.)
Otherwise, output from these signals is level 2.
External 4.7 K
Ω pull-up resistors should be used.
PE is in Group 3 only if bit 2 of PP Confg0 Register is “1” (see Section 4.5.19 "PP Confg0 Register" on page 94).
All group 3 pins are back-drive protected.
1. Not tested. Guaranteed by design.
Symbol Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
VDD
1
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
Input Leakage Current
VIN = VDD
10
µA
VIN = VSS
−10
µA
VH
Input Hysteresis
250
mV
Symbol Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
VDD
1
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
Input Leakage Current
VIN = VDD
120
µA
VIN = VSS
−10
µA
Symbol Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
VDD
1
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
Input Leakage Current
VIN = VDD
10
µA
VIN = VSS
−120
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com