Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 168 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 164Page - National Semiconductor (TI) PC87309 Datasheet HTML 165Page - National Semiconductor (TI) PC87309 Datasheet HTML 166Page - National Semiconductor (TI) PC87309 Datasheet HTML 167Page - National Semiconductor (TI) PC87309 Datasheet HTML 168Page - National Semiconductor (TI) PC87309 Datasheet HTML 169Page - National Semiconductor (TI) PC87309 Datasheet HTML 170Page - National Semiconductor (TI) PC87309 Datasheet HTML 171Page - National Semiconductor (TI) PC87309 Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 192 page
background image
Device Specifications
168
www.national.com
10.2.7
Group 7
Pin List:
P12, P20, P21
Input
Output
1. Not tested. Guaranteed by design.
1. IOH is driven for 10 nsec after the low-to-high transition, on pins P12.
10.2.8
Group 8
Pin List:
AFD, ASTRB, DSTRB, INIT, SLIN, STB, WRITE
These pins are back-drive protected.
Input
Output
1. Not tested. Guaranteed by design.
1. Output from STB, AFD, INIT, SLIN is open-drain in all SPP modes, except in SPP
Compatible mode when the setup mode is ECP-based (FIFO). (See TABLE 4-1 "Par-
allel Port Mode Selection" on page 80.) Otherwise, output from these signals is Level
2. External 4.7 K
Ω pull-up resistors should be used.
Symbol Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
VDD
1
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
Input Leakage Current
VIN = VDD
10
µA
VIN = VSS
−10
µA
VH
Hysteresis
250
mV
Symbol Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH = −14 mA
1
2.4
V
VOL
Output Low Voltage
IOL = 14 mA
0.4
V
Symbol Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
VDD
1
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
Input Leakage Current
VIN = VDD
10
µA
VIN = VSS
−10
µA
VH
Hysteresis
250
mV
Symbol Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage1
IOH = −2 mA
2.4
V
VOL
Output Low Voltage
IOL = 2 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com