Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 167Page - National Semiconductor (TI) PC87309 Datasheet HTML 168Page - National Semiconductor (TI) PC87309 Datasheet HTML 169Page - National Semiconductor (TI) PC87309 Datasheet HTML 170Page - National Semiconductor (TI) PC87309 Datasheet HTML 171Page - National Semiconductor (TI) PC87309 Datasheet HTML 172Page - National Semiconductor (TI) PC87309 Datasheet HTML 173Page - National Semiconductor (TI) PC87309 Datasheet HTML 174Page - National Semiconductor (TI) PC87309 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 192 page
background image
Device Specifications
171
www.national.com
10.3 AC ELECTRICAL CHARACTERISTICS
10.3.1
AC Test Conditions
FIGURE 10-1. AC Test Conditions, TA = 0 °C to 70 °C, VDD = 5.0 V ±10%
Notes:
1. CL = 100 pF, includes jig and scope capacitance.
2. S1 = Open for push-pull output pins.
S1 = VDD for high impedance to active low and active low to high impedance measurements.
S1 = GND for high impedance to active high and active high to high impedance measurements.
RL = 1.0KΩ for µP interface pins.
3. For the FDC open-drive interface pins, S1 = VDD and RL = 150Ω.
10.3.2
Clock Timing
1. Not tested. Guaranteed by design.
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit (Notes 1, 2, 3)
AC Testing Input, Output Waveform
VDD
2.4
0.4
2.0
0.8
Test Points
2.0
0.8
Symbol
Parameter
Min
Max
Unit
tCH
Clock High Pulse Width1
8.4
nsec
tCL
Clock Low Pulse Width1
8.4
nsec
tCP
Clock Period1
20.6
21
nsec
CLKIN
tCL
tCP
tCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com