Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 27Page - Texas Instruments TMS320VC5416 Datasheet HTML 28Page - Texas Instruments TMS320VC5416 Datasheet HTML 29Page - Texas Instruments TMS320VC5416 Datasheet HTML 30Page - Texas Instruments TMS320VC5416 Datasheet HTML 31Page - Texas Instruments TMS320VC5416 Datasheet HTML 32Page - Texas Instruments TMS320VC5416 Datasheet HTML 33Page - Texas Instruments TMS320VC5416 Datasheet HTML 34Page - Texas Instruments TMS320VC5416 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
The McBSP allows the multiple channels to be independently selected for the transmitter and receiver.
When multiple channels are selected, each frame represents a time-division multiplexed (TDM) data
stream. In using time-division multiplexed data streams, the CPU may only need to process a few of them.
Thus, to save memory and bus bandwidth, multichannel selection allows independent enabling of
particular channels for transmission and reception. All 128 channels in a bit stream consisting of a
maximum of 128 channels can be enabled.
15
10
9
8
Reserved
XMCME
XPBBLK
R
R/W
R/W
7
6
5
4
2
1
0
XPBBLK
XPABLK
XCBLK
Reserved
XMCM
R/W
R/W
R
R
R/W
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-10. Multichannel Control Register (MCR1)
15
10
9
8
Reserved
RMCME
RPBBLK
R
R/W
R/W
7
6
5
4
2
1
0
RPBBLK
RPABLK
RCBLK
Reserved
RMCM
R/W
R/W
R
R
R/W
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-11. Multichannel Control Register (MCR2)
The McBSP has two working modes:
• In the first mode, when (R/X)MCME = 0, it is comparable with the McBSPs used in the 5410 where the
normal 32-channel selection is enabled (default).
• In the second mode, when (R/X)MCME = 1, it has 128-channel selection capability. Multichannel
control register Bit 9, (R/X)MCME, is used as the 128-channel selection enable bit. Once (R/X)MCME
= 1, twelve new registers ((R/X)CERC - (R/X)CERH) are used to enable the 128-channel selection.
The clock stop mode (CLKSTP) in the McBSP provides compatibility with the serial port interface protocol.
Clock stop mode works with only single-phase frames and one word per frame. The word sizes supported
by the McBSP are programmable for 8-, 12-, 16-, 20-, 24-, or 32-bit operation. When the McBSP is
configured to operate in SPI mode, both the transmitter and the receiver operate together as a master or
as a slave.
Although the BCLKS pin is not available on the device PGE and GGU packages, the device is capable of
synchronization to external clock sources. BCLKX or BCLKR can be used by the sample rate generator
for external synchronization. The sample rate clock mode extended (SCLKME) bit field is located in the
PCR to accommodate this option.
15
14
13
12
11
10
9
8
Reserved
XIOEN
RIOEN
FSXM
FSRM
CLKXM
CLKRM
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
SCLKME
CLKS STAT
DX STAT
DR STAT
FSXP
FSRP
CLKXP
CLKRP
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-12. Pin Control Register (PCR)
Submit Documentation Feedback
Functional Overview
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com