Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 56Page - Texas Instruments TMS320VC5416 Datasheet HTML 57Page - Texas Instruments TMS320VC5416 Datasheet HTML 58Page - Texas Instruments TMS320VC5416 Datasheet HTML 59Page - Texas Instruments TMS320VC5416 Datasheet HTML 60Page - Texas Instruments TMS320VC5416 Datasheet HTML 61Page - Texas Instruments TMS320VC5416 Datasheet HTML 62Page - Texas Instruments TMS320VC5416 Datasheet HTML 63Page - Texas Instruments TMS320VC5416 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
5.5
Memory and Parallel I/O Interface Timing
5.5.1
Memory Read
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
www.ti.com
External memory reads can be performed in consecutive or nonconsecutive mode under control of the CONSEC
bit in the BSCR. Table 5-7 and Table 5-8 assume testing over recommended operating conditions with
MSTRB = 0 and H = 0.5tc(CO) (see Figure 5-5 and Figure 5-6).
Table 5-7. Memory Read Timing Requirements
5416-120
5416-160
UNIT
MIN
MAX
ta(A)M1
Access time, read data access from address valid, first read access(1)
4H–9
ns
ta(A)M2
Access time, read data access from address valid, consecutive read accesses(1)
2H–9
ns
tsu(D)R
Setup time, read data valid before CLKOUT low
7
ns
th(D)R
Hold time, read data valid after CLKOUT low
0
ns
(1)
Address, R/W, PS, DS, and IS timings are all included in timings referenced as address.
Table 5-8. Memory Read Switching Characteristics
5416-120
5416-160
PARAMETER
UNIT
MIN
MAX
td(CLKL-A)
Delay time, CLKOUT low to address valid(1)
–1
4
ns
td(CLKL-MSL)
Delay time, CLKOUT low to MSTRB low
–1
4
ns
td(CLKL-MSH)
Delay time, CLKOUT low to MSTRB high
0
4
ns
(1)
Address, R/W, PS, DS, and IS timings are all included in timings referenced as address.
Electrical Specifications
60
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com