| Electronic Components Datasheet Search |
|
TMS320VC5416 Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5416 Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 98 page ![]() 3.13 General-Purpose I/O Pins 3.13.1 McBSP Pins as General-Purpose I/O TMS320VC5416 Fixed-Point Digital Signal Processor www.ti.com SPRS095P – MARCH 1999 – REVISED OCTOBER 2008 Table 3-12. DMA Synchronization Events (continued) DSYN VALUE DMA SYNCHRONIZATION EVENT 1110b INT3 goes active 1111b Reserved The DMA controller can generate a CPU interrupt for each of the six channels. However, due to a limit on the number of internal CPU interrupt inputs, channels 0, 1, 2, and 3 are multiplexed with other interrupt sources. DMA channels 0, 1, 2, and 3 share an interrupt line with the receive and transmit portions of the McBSP. When the device is reset, the interrupts from these three DMA channels are deselected. The INTSEL bit field in the DMPREC register can be used to select these interrupts, as shown in Table 3-13. Table 3-13. DMA Channel Interrupt Selection INTSEL Value IMR/IFR[6] IMR/IFR[7] IMR/IFR[10] IMR/IFR[11] 00b (reset) BRINT2 BXINT2 BRINT1 BXINT1 01b BRINT2 BXINT2 DMAC2 DMAC3 10b DMAC0 DMAC1 DMAC2 DMAC3 11b Reserved In addition to the standard BIO and XF pins, the device has pins that can be configured for general-purpose I/O. These pins are: • 18 McBSP pins – BCLKX0/1/2, – BCLKR0/1/2 – BDR0/1/2 – BFSX0/1/2 – BFSR0/1/2 – BDX0/1/2 • 8 HPI data pins – HD0-HD7 The general-purpose I/O function of these pins is only available when the primary pin function is not required. When the receive or transmit portion of a McBSP is in reset, its pins can be configured as general-purpose inputs or outputs. For more details on this feature, see Section 3.8. Submit Documentation Feedback Functional Overview 43 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |