Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 81Page - Texas Instruments TMS320VC5416 Datasheet HTML 82Page - Texas Instruments TMS320VC5416 Datasheet HTML 83Page - Texas Instruments TMS320VC5416 Datasheet HTML 84Page - Texas Instruments TMS320VC5416 Datasheet HTML 85Page - Texas Instruments TMS320VC5416 Datasheet HTML 86Page - Texas Instruments TMS320VC5416 Datasheet HTML 87Page - Texas Instruments TMS320VC5416 Datasheet HTML 88Page - Texas Instruments TMS320VC5416 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
5.5.11 Host-Port Interface Timing
5.5.11.1
HPI8 Mode
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
Table 5-32 and Table 5-33 assume testing over recommended operating conditions and P = 0.5 *
processor clock (see Figure 5-28 through Figure 5-31). In the following tables, DS refers to the logical OR
of HCS, HDS1, and HDS2. HD refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.). HAD stands
for HCNTL0, HCNTL1, and HR/W.
Table 5-32. HPI8 Mode Timing Requirements
5416-120
5416-160
UNIT
MIN
MAX
Setup time, HBIL and HAD valid before DS low (when HAS is not used), or HBIL and HAD
tsu(DSL-HBV)
6
ns
valid before HAS low
Hold time, HBIL and HAD valid after DS low (when HAS is not used), or HBIL and HAD
th(DSL-HBV)
3
ns
valid after HAS low
tsu(HSL-DSL)
Setup time, HAS low before DS low
8
ns
tw(DSL)
Pulse duration, DS low
13
ns
tw(DSH)
Pulse duration, DS high
7
ns
tsu(HDV-DSH)
Setup time, HD valid before DS high, HPI write
3
ns
th(DSH-HDV)W
Hold time, HD valid after DS high, HPI write
2
ns
Setup time, HDx input valid before CLKOUT high, HDx configured as general-purpose
tsu(GPIO-COH)
3
ns
input
th(GPIO-COH)
Hold time, HDx input valid before CLKOUT high, HDx configured as general-purpose input
0
ns
Submit Documentation Feedback
Electrical Specifications
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com